Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL-Q5MB2 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # TL-Q5MB2
Description  Rectangular Standard Proximity Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-Q5MB2 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button TL-Q5MB2 Datasheet HTML 4Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 5Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 6Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 7Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 8Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 9Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 10Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 11Page - Omron Electronics LLC TL-Q5MB2 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TL-N/TL-Q
10
Dimensions
Sensors
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
TL-Q2MC1
8
2.5
28
25
8
9
1
*
6
18.5
±0.2
Sensing surface
3.2-dia. mounting hole
Detection indicator (red)
* 2.9-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.15 mm
2, Insulator diameter:
0.9 mm), Standard length: 2 m
TL-Q5M
@@
16
3
17
17
10.5
±0.1
*1
3.5
28
Two, 3.3 dia.
10.5
±0.1
32 max.
Two, 3.3-dia. holes
Indicators *2
*1. B/C Models: 4-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.2 mm
2,
Insulator diameter: 1.2 mm), Standard length: 2 m
D Models:
4-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.3 mm
2,
Insulator diameter: 1.3 mm), Standard length: 2 m
*2. B/C Models: Detection indicator (red)
D Models:
Operation indicator (red), Setting indicator (green)
Mounting Hole
Dimensions
TL-N7MD
@, TL-N5ME@
23.8
18.5
0.5
25
25
6
35
Two, 4.3 dia.
18
±0.45
*1
38.5
18.5
1.5
18
±0.2
Indicator *2
Rubber bushing
*1. D Models: 6-dia. vinyl-insulated round cable with 2 conductors (Conductor cross section: 0.5 mm
2,
Insulator diameter: 1.9 mm), Standard length: 2 m
E Models: 6-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.5 mm
2,
Insulator diameter: 1.9 mm), Standard length: 2 m
*2. D1 Models: Operation indicator (red), Setting indicator (green)
D2 Models: Operation indicator (red)
E Models: Detection indicator (red)
Two, 4.5-dia. or M4 holes
9 dia.
8 dia.
Mounting Hole Dimensions
18.5
0.5
25
6.2
25
18
±0.2
50
*
1.5
34.1
46.3
Two, 4.3 dia.
18
±0.45
18.5
9 dia.
8 dia.
Operation indicator (red)
Rubber bushing
* 6-dia. vinyl-insulated round cable with 2 conductors
(Conductor cross section: 0.5 mm
2, Insulator diameter:
1.9 mm), Standard length: 2 m
Two, 4.5-dia. or M4 holes
TL-N5MY
@
Mounting Hole Dimensions
35.8
21.5
52.5
0.5
30
30
7.7
22
±0.45
49
Two, 4.3 dia.
±0.1
*1
1.5
22
±0.2
Rubber bushing
*1. D/Y Models: 6-dia. vinyl-insulated round cable with 2 conductors
(Conductor cross section: 0.5 mm
2, Insulator
diameter: 1.9 mm), Standard length: 2 m
E/Y Models: 6-dia. vinyl-insulated round cable with 3
conductors (Conductor cross section: 0.5 mm
2,
Insulator diameter: 1.9 mm), Standard length: 2 m
*2. D1 Models: Operation indicator (red) and Setting indicator (green)
D2 Models: Operation indicator (red)
E/Y Models: Detection indicator (red)
Y Models:
Operation indicator (red)
Indicator *2
Two, 4.5-dia. or M4 holes
18.5
9 dia.
8 dia.
TL-N12MD
@,
TL-N10ME
@,
TL-N10MY
@
Mounting Hole
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com