Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EH32-R1000 Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # HLMP-EH32-R1000
Description  T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-EH32-R1000 Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button HLMP-EH32-R1000 Datasheet HTML 6Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 7Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 8Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 9Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 10Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 11Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 12Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 13Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
Broadcom
AV02-0373EN
10
Intensity Bin Limits (mcd at 20 mA)
Amber Color Bin Limits (nm at
20 mA)
Bin Namea
a. Tolerance for each bin limit is ±15%.
Min.
Max.
K310
400
L400
520
M520
680
N680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Y
9300
12000
Z
12000
16000
1
16000
21000
2
21000
27000
Bin Namea,b
a. Tolerance for each bin limit is ±0.5 nm.
b. Bin categories are established for classification of products.
Products may not be available in all bin categories.
Min.
Max.
1
584.5
587
2
587
589.5
4
589.5
592
6
592
594.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com