Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EH32-R1000 Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # HLMP-EH32-R1000
Description  T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-EH32-R1000 Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button HLMP-EH32-R1000 Datasheet HTML 10Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 11Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 12Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 13Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 14Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 15Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 16Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 17Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 18Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
Broadcom
AV02-0373EN
14
If the PCB board contains both through hole (TH) LED
and other surface-mount components, solder the
surface-mount components on the top side of the PCB.
If the surface mount must be on the bottom side, solder
these components using reflow soldering prior to the
insertion of the TH LED.
The following table shows the recommended PC board
plated through holes (PTH) size for LED component
leads.
Over-sizing the PTH can lead to a twisted LED after
clinching. On the other hand, under-sizing the PTH can
cause difficulty when inserting the TH LED.
NOTE: Refer to application note AN-5334 for more
information about soldering and handling
high-brightness TH LED lamps.
Application Precautions
The drive current of the LED must not exceed the
maximum allowable limit across temperature as stated
in the data sheet. Constant current driving is
recommended to ensure consistent performance.
LEDs exhibit slightly different characteristics at different
drive currents that might result in larger performance
variations (such as intensity, wavelength, and forward
voltage). Set the application current as close as
possible to the test current to minimize these variations.
The LED is not intended for reverse bias. Use other
appropriate components for such purposes. When
driving the LED in matrix form, ensure that the reverse
bias voltage does not exceed the allowable limit of the
LED.
Figure 12: Example of Wave Soldering Temperature Profile for TH LED
LED Component
Lead Size
Diagonal
Plated Through Hole
Diameter
0.45 mm × 0.45 mm
(0.018 in. × 0.018 in.)
0.636 mm
(0.025 in.)
0.98 mm to 1.08 mm
(0.039 in. to 0.043 in.)
0.50 mm × 0.50 mm
(0.020 in. × 0.020 in.)
0.707 mm
(0.028 in.)
1.05 mm to 1.15 mm
(0.041 in. to 0.045 in.)
0
100
250
200
150
100
50
TIME (SECONDS)
PREHEAT
TURBULENT WAVE
LAMINAR WAVE
HOT AIR KNIFE
Recommended solder:
Sn63 (Leaded solder alloy)
SAC305 (Lead free solder alloy)
Flux: Rosin flux
Solder bath temperature:
245°C± 5°C (maximum peak
temperature = 250°C)
Dwell time: 1.5 sec - 3.0 sec
(maximum = 3sec)
Note: Allow for board to be sufficiently
cooled to room temperature before
exerting mechanical force.
10
20
30
40
50
60
70
80
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com