Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-EH32-R1000 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # HLMP-EH32-R1000
Description  T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HLMP-EH32-R1000 Datasheet(HTML) 2 Page - Broadcom Corporation.

  HLMP-EH32-R1000 Datasheet HTML 1Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 2Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 3Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 4Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 5Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 6Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 7Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 8Page - Broadcom Corporation. HLMP-EH32-R1000 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Broadcom
AV02-0373EN
2
HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx Data Sheet
T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
Device Selection Guide
Table 1: Device Selection Guide, 8° Typical Viewing Angle
Typical
Viewing
Angle
2
½ (Deg)a
a.
½ is the off-axis angle where the luminous intensity is half the on-axis intensity.
Color and Dominant
Wavelength (nm), Typ.b
b. The dominant wavelength,
d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Lamps without Standoffs
on Leads
(Outline Drawing A)
Lamps with Standoffs on
Leads
(Outline Drawing B)
Luminous Intensity
Iv (mcd)c,d,e at 20 mA
c. The luminous intensity is measured on the mechanical axis of the lamp package.
d. The optical axis is closely aligned with the package mechanical axis.
e. Tolerance for each intensity bin limit is ±15%.
Min.
Max.
8°
Amber 590
HLMP-EL08-T0000
—
2500
—
HLMP-EL08-VY000
HLMP-EL10-VY000
4200
12000
HLMP-EL08-WZ000
—
5500
16000
HLMP-EL08-X1K00
HLMP-EL10-X1K00
7200
21000
HLMP-EL08-X1000
HLMP-EL10-X1000
7200
21000
Orange 605
HLMP-EJ08-WZ000
—
5500
16000
HLMP-EJ08-X1000
—
7200
21000
HLMP-EJ08-Y2000
—
9300
27000
Red-Orange 615
HLMP-EH08-UX000
—
3200
9300
HLMP-EH08-WZ000
HLMP-EH10-WZ000
5500
16000
HLMP-EH08-Y2000
HLMP-EH10-Y2000
9300
27000
Red 626
HLMP-EG08-T0000
—
2500
—
HLMP-EG08-VY000
—
4200
12000
HLMP-EG08-WZ000
HLMP-EG10-WZ000
5500
16000
HLMP-EG08-X1000
HLMP-EG10-X1000
7200
21000
HLMP-EG08-YZ000
—
9300
16000
HLMP-EG08-Y2000
HLMP-EG10-Y2000
9300
27000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com