Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20VLD90-R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 20VLD90-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X2, 400 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20VLD90-R Datasheet(HTML) 4 Page - Vishay Siliconix

  20VLD90-R Datasheet HTML 1Page - Vishay Siliconix 20VLD90-R Datasheet HTML 2Page - Vishay Siliconix 20VLD90-R Datasheet HTML 3Page - Vishay Siliconix 20VLD90-R Datasheet HTML 4Page - Vishay Siliconix 20VLD90-R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
20VL Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
4
Document Number: 23107
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
When soldering radial leaded ceramic capacitors with a soldering iron, it should be performed under the following conditions
and should not exceed:
• Maximum temperature of iron-tip: 400 °C
• Maximum soldering iron wattage: 50 W
• Maximum soldering time: 3.5 s
Failure to follow the above cautions may result, in worst case, in short circuit or cause fuming or thermo-mechanical damage
when the product is used.
Leaded ceramic capacitors are not designed for reflow process or dipping the body into a solder melt.
CLEANING
The components should be cleaned immediately following the soldering operation with vapor degreasers.
CLEANING (ULTRASONIC CLEANING)
To perform ultrasonic cleaning, observe the following conditions:
• Maximum rinse bath capacity output: 20 W/liter
• Maximum rinsing time: 300 s
• Do not vibrate the PCB/PWB directly
• Excessive ultrasonic cleaning may lead to mechanical damage
SOLVENT RESISTANCE
The coating and marking of the capacitors are resistant to the following test method:
IEC 60068-2-45 (method XA)
MOUNTING
We do not recommend modifying the lead terminals, e.g. bending or cropping. This action could break the coating or crack the
ceramic insert. In order to avoid such failures we are offering different lead wire designs (e.g. straight, inline, inside crimp,
outside crimp etc.) If however, the lead must be modified in any way, we recommend support of the lead with a clamping fixture
next to the coating. If a defined product stop is required for mounting on a PCB, a mechanically formed product stop or a
mounting tool should be used.
OPERATING VOLTAGE
In case the voltage is applied to the circuit, starting as well as stopping, may generate irregular voltage for a transit period
because of resonance or switching. Be sure to use a capacitor with a rated voltage range that includes these irregular voltages.
OPERATING TEMPERATURE AND SELF-GENERATED HEAT
Keep the surface temperature of a capacitor below the upper limit of its rated operating temperature range. Be sure to take into
account the heat generated by the capacitor itself. When the capacitor is used in a high frequency, pulse, or similar application,
it may have self-generated heat due to dielectric dissipation.
Temperature increase due to self-generated heating should not exceed 20 °C while operating at an atmosphere temperature of
25 °C.
When measuring, the surface temperature, make sure that the capacitor is not affected by radiant, conductive and convective
heat by its surroundings. Excessive heat may lead to thermo-mechanical deterioration of the capacitor's characteristics and
reliability.
RELATED DOCUMENTS
General Information
www.vishay.com/doc?23140
CB Test Certificate
www.vishay.com/doc?22247
VDE Marks Approval
www.vishay.com/doc?22246
UL Test Certificate
www.vishay.com/doc?22245



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com