Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20VLD90-R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 20VLD90-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X2, 400 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20VLD90-R Datasheet(HTML) 2 Page - Vishay Siliconix

  20VLD90-R Datasheet HTML 1Page - Vishay Siliconix 20VLD90-R Datasheet HTML 2Page - Vishay Siliconix 20VLD90-R Datasheet HTML 3Page - Vishay Siliconix 20VLD90-R Datasheet HTML 4Page - Vishay Siliconix 20VLD90-R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
20VL Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
2
Document Number: 23107
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Alternate lead spacings of 7.5 mm and 10 mm are available bulk or tape and reel on request
• Minimum lead clearance according to IEC 60384-14: 0.118" (3 mm)
TAPE AND REEL OPTIONS
Part number codes and specifications for tape and reel packaging are found in the general information document
www.vishay.com/doc?23140.
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION, CERAMIC X2 CAPACITORS 20VL
C
(μF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
WIRE SIZE
LS
LEAD SPACE
INCH (mm)
± 1 mm
LO
LEAD OFFSET
INCH (mm)
± 0.5 mm
ORDERING
CODE
AWG
INCH (mm)
Y5V
0.009
± 20
0.530 (13.5)
0.150 (3.8)
22
0.025 (0.64)
0.375 (9.5)
0.055 (1.4)
20VLD90-R
0.010
± 20
0.620 (15.7)
0.150 (3.8)
0.063 (1.6)
20VLS10-R
0.020
± 20
0.720 (18.3)
0.150 (3.8)
0.055 (1.4)
20VLS20-R
0.100
± 20
0.950 (24.1)
0.230 (5.8)
0.067 (1.7)
20VLP10-R
Z5U
0.010
± 20
0.530 (13.5)
0.160 (4.1)
22
0.025 (0.64)
0.250 (6.4)
0.067 (1.7)
20VLSS10-R
APPROVALS
IEC 60384-14 - Safety tests
This approval together with CB test certificate substitutes all national approvals.
CB Certificate (www.vishay.com/doc?22247)
X2-capacitor: CB test certificate:
DE1-63496
9 nF to 0.1 μF
400 VAC
VDE (www.vishay.com/doc?22246)
X2-capacitor: VDE marks approval:
40003982
9 nF to 0.1 μF
400 VAC
DIN EN 60384-14 VDE 0565-1-1 - Safety tests
Underwriters Laboratories Inc. (www.vishay.com/doc?22245)
X2-capacitor: UL test certificate:
E99264
9 nF to 0.1 μF
400 VAC
UL 60384-14, CSA E60384-1, CSA E60384-14
0.125"
max. (3.2 mm)
Tinned Copper Leads
1.250" min.
(32 mm)
T
max.
LS
Ø
D
max.
LO
20VLP10-R
D
max.
T
max.
0.187" max.
(4.75 mm)
1.25" min.
(32 mm)
LS
LO



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com