Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20VLD90-R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 20VLD90-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X2, 400 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20VLD90-R Datasheet(HTML) 3 Page - Vishay Siliconix

  20VLD90-R Datasheet HTML 1Page - Vishay Siliconix 20VLD90-R Datasheet HTML 2Page - Vishay Siliconix 20VLD90-R Datasheet HTML 3Page - Vishay Siliconix 20VLD90-R Datasheet HTML 4Page - Vishay Siliconix 20VLD90-R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
20VL Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
3
Document Number: 23107
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Marking IEC 60384-14 does not apply for Ø
 9 mm
• “XX - XXX” is a placeholder for date code and lot number:
“XX -” is the year and month according to IEC 60062
“- XXX” is the last 3 digits of the lot number
CAPACITANCE CHANGE VS. TEMPERATURE (Typical)
STORAGE
The capacitors must not be stored in a corrosive atmosphere, where sulphide or chloride gas, acid, alkali or salt are present.
Exposure of the components to moisture, should be avoided. The solderability of the leads is not affected by storage of up to
24 months (temperature +10 °C to +40 °C, relative humidity up to 60 % RH). Class 2 ceramic dielectric capacitors are also
subject to aging see general information (www.vishay.com/doc?23140).
SOLDERING
SOLDERING RECOMMENDATIONS
Ceramic capacitors are very sensitive to rapid changes in temperature (thermal shock) therefore the solder heat resistance
specification (see table above) should not be exceeded. Exposing the capacitor to excessive heating may result in thermal
shocks that can crack the ceramic body. Similarly, excessive heating can cause the internal solder junction to melt.
MARKING
SOLDERING SPECIFICATIONS
Soldering test for capacitors with wire leads: (according to IEC 60068-2-20, solder bath method)
SOLDERABILITY
RESISTANCE TO SOLDERING HEAT
Soldering temperature
(235 ± 5) °C
(260 ± 5) °C
Soldering duration
(2 ± 0.5) s
(10 ± 1) s
Distance from component body
 2 mm
 5 mm
IEC 60384-14
20VL
203M
CM
XX - XXX
Sample
X2 400V~
10
100
1000
10000
-100
-80
-60
-40
-20
0
20
40
60
-55 -35 -15
5
25
45
65
85
105 125
Axis Title
Temperature (°C)
Z5U
Y5V
Temperature dependence of the capacitance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com