Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25YD10-R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 25YD10-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25YD10-R Datasheet(HTML) 4 Page - Vishay Siliconix

  25YD10-R Datasheet HTML 1Page - Vishay Siliconix 25YD10-R Datasheet HTML 2Page - Vishay Siliconix 25YD10-R Datasheet HTML 3Page - Vishay Siliconix 25YD10-R Datasheet HTML 4Page - Vishay Siliconix 25YD10-R Datasheet HTML 5Page - Vishay Siliconix 25YD10-R Datasheet HTML 6Page - Vishay Siliconix 25YD10-R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
25Y Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
4
Document Number: 23105
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE CHANGE VS. TEMPERATURE
(Typical)
AC CURRENT VS. VOLTAGE (Typical)
INSERTION LOSS VS. FREQUENCY (Typical)
Temperature (°C)
125
105
85
65
45
25
5
-15
-35
-55
30
15
10
5
0
-30
-20
-10
-5
25
20
-15
-25
Temperature dependence of the capacitance
0
1
2
3
4
0
500
1000
1500
2000
2500
AC Voltage (V) RMS
25YD10-R
25YD28-R
25YD27-R
25YD22-R
25YD20-R
25YD15-R
0
2
4
6
0
500
1000
1500
2000
2500
AC Voltage (V) RMS
25YD40-R
25YD39-R
25YD33-R
25YD32-R
25YD30-R
0
2
4
6
8
10
0
500
1000
1500
2000
2500
AC Voltage (V) RM S
25YD68-R
25YD56-R
25YD55-R
25YD50-R
25YD47-R
25YD80-R
Frequency (MHz)
1
10
100
10
20
30
40
50
100
25YD15-R
25YD10-R
25YD20-R
Frequency (MHz)
1
10
100
10
20
30
40
50
100
25YD30-R
25YD22-R
25YD28-R
25YD27-R
Frequency (MHz)
1
10
100
10
20
30
40
50
100
25YD47-R
25YD40-R
25YD39-R
25YD33-R
25YD32-R
Frequency (MHz)
1
10
100
10
20
30
40
50
100
25YD80-R
25YD68-R
25YD50-R
25YD56-R
25YD55-R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com