Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25YD10-R Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 25YD10-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25YD10-R Datasheet(HTML) 5 Page - Vishay Siliconix

  25YD10-R Datasheet HTML 1Page - Vishay Siliconix 25YD10-R Datasheet HTML 2Page - Vishay Siliconix 25YD10-R Datasheet HTML 3Page - Vishay Siliconix 25YD10-R Datasheet HTML 4Page - Vishay Siliconix 25YD10-R Datasheet HTML 5Page - Vishay Siliconix 25YD10-R Datasheet HTML 6Page - Vishay Siliconix 25YD10-R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
25Y Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
5
Document Number: 23105
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STORAGE
The capacitors must not be stored in a corrosive atmosphere, where sulphide or chloride gas, acid, alkali or salt are present.
Exposure of the components to moisture, should be avoided. The solderability of the leads is not affected by storage of up to
24 months (temperature +10 °C to +40 °C, relative humidity up to 60 % RH). Class 2 ceramic dielectric capacitors are also
subject to aging see general information (www.vishay.com/doc?23140).
SOLDERING
SOLDERING RECOMMENDATIONS
Ceramic capacitors are very sensitive to rapid changes in temperature (thermal shock) therefore the solder heat resistance
specification (see table above) should not be exceeded. Exposing the capacitor to excessive heating may result in thermal
shocks that can crack the ceramic body. Similarly, excessive heating can cause the internal solder junction to melt.
When soldering radial leaded ceramic capacitors with a soldering iron, it should be performed under the following conditions
and should not exceed:
• Maximum temperature of iron-tip: 400 °C
• Maximum soldering iron wattage: 50 W
• Maximum soldering time: 3.5 s
Failure to follow the above cautions may result, in worst case, in short circuit or cause fuming or thermo-mechanical damage
when the product is used.
Leaded ceramic capacitors are not designed for reflow process or dipping the body into a solder melt.
CLEANING
The components should be cleaned immediately following the soldering operation with vapor degreasers.
CLEANING (ULTRASONIC CLEANING)
To perform ultrasonic cleaning, observe the following conditions:
• Maximum rinse bath capacity output: 20 W/liter
• Maximum rinsing time: 300 s
• Do not vibrate the PCB/PWB directly
• Excessive ultrasonic cleaning may lead to mechanical damage
SOLVENT RESISTANCE
The coating and marking of the capacitors are resistant to the following test method:
IEC 60068-2-45 (method XA)
MOUNTING
We do not recommend modifying the lead terminals, e.g. bending or cropping. This action could break the coating or crack the
ceramic insert. In order to avoid such failures we are offering different lead wire designs (e.g. straight, inline, inside crimp,
outside crimp etc.) If however, the lead must be modified in any way, we recommend support of the lead with a clamping fixture
next to the coating. If a defined product stop is required for mounting on a PCB, a mechanically formed product stop or a
mounting tool should be used.
SOLDERING SPECIFICATIONS
Soldering test for capacitors with wire leads: (according to IEC 60068-2-20, solder bath method)
SOLDERABILITY
RESISTANCE TO SOLDERING HEAT
Soldering temperature
(235 ± 5) °C
(260 ± 5) °C
Soldering duration
(2 ± 0.5) s
(10 ± 1) s
Distance from component body
 2 mm
 5 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com