Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25YD10-R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 25YD10-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25YD10-R Datasheet(HTML) 3 Page - Vishay Siliconix

  25YD10-R Datasheet HTML 1Page - Vishay Siliconix 25YD10-R Datasheet HTML 2Page - Vishay Siliconix 25YD10-R Datasheet HTML 3Page - Vishay Siliconix 25YD10-R Datasheet HTML 4Page - Vishay Siliconix 25YD10-R Datasheet HTML 5Page - Vishay Siliconix 25YD10-R Datasheet HTML 6Page - Vishay Siliconix 25YD10-R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
25Y Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
3
Document Number: 23105
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) LS
 5.5 mm: 300 V
AC; LS < 5.5 mm: 250 VAC
Notes
• Marking IEC 60384-14 does not apply for Ø
 9 mm
• “XX - XXX” is a placeholder for date code and lot number:
“XX -” is the year and month according to IEC 60062
“- XXX” is the last 3 digits of the lot number
APPROVALS
IEC 60384-14 - Safety tests
This approval together with CB test certificate substitutes all national approvals.
CB Certificate (www.vishay.com/doc?22240)
Y2-capacitor: CB test certificate:
DE1-63498
1 nF to 8 nF
250 VAC
X1-capacitor: CB test certificate:
DE1-63498
1 nF to 8 nF
400 VAC
VDE (www.vishay.com/doc?22241)
Y2-capacitor: VDE marks approval:
40003978
1 nF to 8 nF
250 VAC
X1-capacitor: VDE marks approval:
40003978
1 nF to 8 nF
400 VAC
DIN EN 60384-14 VDE 0565-1-1 - Safety tests
Underwriters Laboratories Inc. (www.vishay.com/doc?22242)
Y2-capacitor: UL test certificate:
E99264
1 nF to 8 nF
300 VAC (1)
Y2-capacitor: UL test certificate:
E99264
1 nF to 8 nF
250 VAC (1)
X1-capacitor: UL test certificate:
E99264
1 nF to 8 nF
400 VAC
UL 60384-14, CSA E60384-1, CSA E60384-14
Fixed capacitors for electromagnetic interference suppression and connection to the supply mains.
MARKING
Sample
IEC 60384-14
25Y
202M
CM
XX - XXX
Y2 250V~
X1 400V~



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com