Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX2 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # ZX2
Description  Smart Sensors Laser Sensors CMOS Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX2 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button ZX2 Datasheet HTML 4Page - Omron Electronics LLC ZX2 Datasheet HTML 5Page - Omron Electronics LLC ZX2 Datasheet HTML 6Page - Omron Electronics LLC ZX2 Datasheet HTML 7Page - Omron Electronics LLC ZX2 Datasheet HTML 8Page - Omron Electronics LLC ZX2 Datasheet HTML 9Page - Omron Electronics LLC ZX2 Datasheet HTML 10Page - Omron Electronics LLC ZX2 Datasheet HTML 11Page - Omron Electronics LLC ZX2 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ZX2
8
Linearity Characteristic for Different Materials
Note: The x-axis displacement indicates the measurement distance displayed by the amplifier unit. The measurement distance displayed by the amplifier
unit takes the measurement center distance as 0, and the NEAR and FAR sides from the sensor are displayed by + and
−, respectively.
ZX2-LD50
0
° Inclination
−50° Inclination Front-to-back
+50° Inclination
ZX2-LD50L
0
° Inclination
−50° Inclination Front-to-back
+50° Inclination
ZX2-LD100
0
° Inclination
−50° Inclination Front-to-back
+50° Inclination
ZX2-LD100L
0
° Inclination
−50° Inclination Front-to-back
+50° Inclination
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
−2
−4
−6
−8
−10
2468
10
0° Inclination
Measurement center distance
FAR side
NEAR side
White ceramic
SUS304, mirror finish
Black rubber
Displacement (mm)
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
−2
−4
−6
−8
−10
2468
10
−50° Inclination
Measurement center distance
FAR side
NEAR side
White ceramic
SUS304, mirror finish
Black rubber
Displacement (mm)
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
−2
−4
−6
−8
−10
2468
10
+50° Inclination
Measurement center distance
FAR side
NEAR side
White ceramic
SUS304, mirror finish
Black rubber
Displacement (mm)
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
−2
−4
−6
−8
−10
2468
10
0° Inclination
Measurement center distance
FAR side
NEAR side
White ceramic
SUS304, mirror finish
Black rubber
Displacement (mm)
Displacement (mm)
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
−2
−4
−6
−8
−10
2468
10
−50° Inclination
Measurement center distance
FAR side
NEAR side
White ceramic
SUS304, mirror finish
Black rubber
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
−2
−4
−6
−8
−10
2468
10
+50° Inclination
Measurement center distance
FAR side
NEAR side
Displacement (mm)
White ceramic
SUS304, mirror finish
Black rubber
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
35
25
15
5
0
−5
−15
−25
−35
0° Inclination
Displacement (mm)
Measurement center distance
FAR side
NEAR side
White ceramic
SUS304, mirror finish
Black rubber
Displacement (mm)
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
35
25
15
5
−5
−15
−25
−35
−50° Inclination
0
Measurement center distance
FAR side
NEAR side
White ceramic
SUS304, mirror finish
Black rubber
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
35
25
15
5
−5
−15
−25
−35
+50° Inclination
0
Measurement center distance
FAR side
NEAR side
Displacement (mm)
White ceramic
SUS304, mirror finish
Black rubber
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
35
25
15
5
−5
−15
−25
−35
0
0° Inclination
Measurement center distance
FAR side
NEAR side
Displacement (mm)
White ceramic
SUS304, mirror finish
Black rubber
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
35
25
15
5
−5
−15
−25
−35
0
−50° Inclination
Measurement center distance
FAR side
NEAR side
Displacement (mm)
White ceramic
SUS304, mirror finish
Black rubber
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
35
25
15
5
0
−5
−15
−25
−35
+50° Inclination
Measurement center distance
FAR side
NEAR side
Displacement (mm)
White ceramic
SUS304, mirror finish
Black rubber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com