Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX2 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # ZX2
Description  Smart Sensors Laser Sensors CMOS Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX2 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button ZX2 Datasheet HTML 7Page - Omron Electronics LLC ZX2 Datasheet HTML 8Page - Omron Electronics LLC ZX2 Datasheet HTML 9Page - Omron Electronics LLC ZX2 Datasheet HTML 10Page - Omron Electronics LLC ZX2 Datasheet HTML 11Page - Omron Electronics LLC ZX2 Datasheet HTML 12Page - Omron Electronics LLC ZX2 Datasheet HTML 13Page - Omron Electronics LLC ZX2 Datasheet HTML 14Page - Omron Electronics LLC ZX2 Datasheet HTML 15Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ZX2
12
Accessories (sold separately)
15.1
15.1
Coupled indicators
Coupling connectors
8
3.4
12
14.4
30
30
9.5
24.9
44.05
57
57
5
36.7
15
Calculating Unit
ZX2-CAL
Amplifier Unit
attachment connector
(female, 6 poles)
Sensor Head
attachment connector
(male, 6 poles)
Vinyl insulated round robot cable, 4.7 dia.
(ZX2-XC20R: 5.1 dia.)
12 dia.
29.8
28.9
L *
12.6 dia.
Sensor Head Extension Cables
ZX2-XC1R
ZX2-XC4R
ZX2-XC9R
ZX2-XC20R
* Length L is as follows.
ZX2-XC1R: 1 m, ZX2-XC4R: 4 m, ZX2-XC9R: 9 m, ZX2-XC20R: 20 m
Minimum bending radius: 30 mm
Note: Attach the enclosed ferrite cores (16.5 dia., length: 30 mm) within 100 mm of
each end of the extension cable.
Coupling
connector
Connector
Sensor communications indicator (communications operation)
External terminal
communications indicator
(communications operation)
Sensor communications indicator (communications error)
External terminal communications indicator (communications error)
Power supply indicator
30
15
13.2
(336)
64.3
31.5
36.8
29
11.7
4.3
3
5 6.55
11.7
2.2
13
4.2
4.2
3
(46)
(33.1)
Vinyl -insulated round cable,
5.23 dia. Standard length 100 mm
ZX2-series Communications Interface Unit
ZX2-SF11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com