Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # ZX2
Description  Smart Sensors Laser Sensors CMOS Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  ZX2 Datasheet HTML 1Page - Omron Electronics LLC ZX2 Datasheet HTML 2Page - Omron Electronics LLC ZX2 Datasheet HTML 3Page - Omron Electronics LLC ZX2 Datasheet HTML 4Page - Omron Electronics LLC ZX2 Datasheet HTML 5Page - Omron Electronics LLC ZX2 Datasheet HTML 6Page - Omron Electronics LLC ZX2 Datasheet HTML 7Page - Omron Electronics LLC ZX2 Datasheet HTML 8Page - Omron Electronics LLC ZX2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ZX2
5
Specifications
Diffuse-reflective Sensor Heads
Regular-reflective Sensor Head
Note: False detection outside the measurement range can occur in the case of an object with high reflectance.
*1. Beam size: Defined as 1/e2 (13.5 %) of the center optical intensity at the minimum value of the measurement range (effective value).
False detections can occur in the case there is light leakage outside the defined region and the surroundings of the target object have a high
reflectance in comparison to the target object. Correct measurements may not be obtained if the workpiece is smaller than the beam size.
*2. Resolution: indicates the degree of fluctuation (
±3σ) of analog output when connected to the ZX2-LDA.
(The measured value is given for the center distance for OMRON’s standard target object (diffuse-reflective models: white ceramic object,
regular-reflective models:1/4
λ flat mirror) when the response time of the ZX2-LDA is set to 128 ms.)
Indicates the repetition accuracy for when the workpiece is in a state of rest. Not an indication of distance accuracy.
Resolution performance may not be satisfied in a strong electromagnetic field.
*3. Linearity: indicates the error with respect to the ideal straight line of the displacement output in the case of measuring Omron’ s standard target
object. Linearity and measured value may vary depending on target object.
F.S. indicates the full scope of the measurement range. (ZX2-LD50(L): 20 mm)
*4. Temperature characteristic: Value for the case the space between the sensor head and Omron’ s standard target object is secured by an
aluminum jig. (Measured at the measurement center distance)
*5. These Sensors are classified as Class 2 laser devices for diffuse-reflective models and Class 1 for regular-reflective models under EN 60825-
1 and the regulations of Laser Notice No. 50 for FDA certification. CDRH registration has been completed.
Item
Model
ZX2-LD50L
ZX2-LD50
ZX2-LD100L
ZX2-LD100
Optical system
Diffuse reflective
Light source
(wave length)
Visible-light semiconductor laser with a wavelength of 660 nm and an output of 1mW max.
EN class 2, FDA class 2 *5
Measurement center point
50 mm
100 mm
Measurement range
±10 mm
±35 mm
Beam shape
Line
Spot
Line
Spot
Beam size *1
Approx. 60
μm × 2.6 mm
Approx. 60
μm dia.
Approx.110
μm × 2.7 mm Approx. 110 μm dia.
Resolution *2
1.5
μm5 μm
Linearity *3
±0.05% F.S. (40 to 50 mm) ±0.1% F.S. (40 to 50 mm) ±0.05% F.S. (65 to 100 mm) ±0.1% F.S. (65 to 100 mm)
Temperature characteristic *4
0.02% F.S. /
°C
Ambient illumination
Incandescent lamp: 10,000 lx max. (on light receiving side)
Ambient temperature
Operating: 0 to 50
°C, Storage: −15 to 70 °C (with no icing or condensation)
Ambient humidity
Operating and storage: 35% to 85% (with no condensation)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min.
Vibration resistance (destruction) 10 to 150 Hz, 0.7-mm double amplitude, 80 min. each in X, Y, and Z directions
Shock resistance (destruction) 300 m/s2 3 times each in six directions (up/down, left/right, forward/backward)
Degree of protection
IEC60529, IP67
Connection method
Connector connection (standard cable length: 500 mm)
Weight (packed state)
Approx. 160 g (main unit only: Approx. 75 g)
Materials
Case and cover: PBT (polybutylene terephtahalate), Optical window: Glass, Internal thread: Brass, Cable: PVC
Accessories
Instruction sheet, Ferrite core
×1 (made by TDK Corp. ZCAT1730-0730A), Laser warning label (English), FDA
Item
Model
ZX2-LD50V
Optical system
Regular reflective
Light source (wave length)
Visible-light semiconductor laser with a wavelength of 660 nm and an output of 0.24 mW max. EN class 1, FDA class 1 *5
Measurement center point
48mm
Measurement range
±5mm
Beam shape
Spot
Beam size *1
Approx. 60
μm dia.
Resolution *2
1.5
μm
Linearity *3
±0.3%F.S. (entire range)
Temperature characteristic *4
0.06%F.S./
°C
Ambient illumination
Incandescent lamp: 10,000lx max. (on light receiving side)
Ambient temperature
Operating: 0 to 50
°C, Storage: -15 to 70 °C (with no icing or condensation)
Ambient humidity
Operating and storage: 35% to 85% (with no condensation)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 minute
Vibration resistance (destruction) 10 to 150 Hz, 0.7-mm double amplitude, 80 minutes, each in X,Y,and Z directions
Shock resistance (destruction) 300 m/s2 3 times each in six directions (up/down,left/right,forward/backward)
Degree of protection
IEC 60529, IP67
Connection method
Connector connection (standard cable length: 500 mm)
Weight (packed state)
Approx.160g (Sensor Head only: Approx.75g)
Materials
Case and cover: PBT (polybutylene terephtahalate), Optical window: Glass, Internal thread: Brass, Cable: PVC
Accessories
Instruction sheet, Ferrite core
×1 (made by TDK Corp. ZCAT1730-0730A), Laser warning label (English), FDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com