Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XW2Z-050B-R1 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XW2Z-050B-R1
Description  Connecting Cables for Connector-Terminal Block Conversion Units (Shielded)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-050B-R1 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XW2Z-050B-R1 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 8Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
XW2Z
2
For 32-point, Connector-type I/O Units (Group 2) for Programmable Controllers
For 64-point, Connector-type I/O Units for Programmable Controllers
XW2Z-@@@B (For XW2D-40G6/XW2B-40G@)
*Cable length L (m)
XW2Z-@@@B-A (For XW2F-40G7-IN32)
For 32-point, Connector-type Input Units (Group 2) for Programmable Controllers
For 64-point, Connector-type Input Units for Programmable Controllers
XW2Z-@@@D
20-pole Cable with Discrete-wire Press-fit Terminals
XW2Z-@@@F
Type
Cable length L (m) *
Model
Normal
wiring
0.5
XW2Z-050B
1.0
XW2Z-100B
1.5
XW2Z-150B
2.0
XW2Z-200B
3.0
XW2Z-300B
5.0
XW2Z-500B
10.0
XW2Z-010B
15.0
XW2Z-15MB
20.0
XW2Z-20MB
Reverse
wiring
0.5
XW2Z-050B-R1
1.0
XW2Z-100B-R1
1.5
XW2Z-150B-R1
2.0
XW2Z-200B-R1
3.0
XW2Z-300B-R1
5.0
XW2Z-500B-R1
L
Type
Cable length L (m) *
Model
Normal
wiring
1.0
XW2Z-100B-A
1.5
XW2Z-150B-A
2.0
XW2Z-200B-A
3.0
XW2Z-300B-A
5.0
XW2Z-500B-A
Cable length L (m) *
Model
1.0
0.75
XW2Z-100D
1.5
1.25
XW2Z-150D
2.0
1.75
XW2Z-200D
3.0
2.75
XW2Z-300D
5.0
4.75
XW2Z-500D
10.0
9.75
XW2Z-010D
15.0
14.75
XW2Z-15MD
20.0
19.75
XW2Z-20MD
Cable length L (m) *
Model
1.0
XW2Z-100F
1.5
XW2Z-150F
2.0
XW2Z-200F
3.0
XW2Z-300F
5.0
XW2Z-500F
10.0
XW2Z-010F
15.0
XW2Z-15MF
20.0
XW2Z-20MF
*Cable length L (m)
A
B
Yellow
Black
CN3
(250 mm)
CN2
(500 mm)
CN1
A
B
*Cable length L (m)
L
Forked
terminals
(M3.5)
XG4M-2030-T
Devices
300 (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com