Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XW2Z-050B-R1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XW2Z-050B-R1
Description  Connecting Cables for Connector-Terminal Block Conversion Units (Shielded)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-050B-R1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  XW2Z-050B-R1 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 8Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
XW2Z
4
XW2Z-
@@@H-3 (For CS1-series I/O Unit Connection)
*Up to two cables required for each Programmable Controller I/O Unit.
For 32-point, MIL Connector-type I/O Units for Programmable Controllers
XW2Z-
@@@K
XW2Z-
@@@N
XW2Z-
@@@X
Special Connecting Cables *
Cable length L (m)
Model
1.0
0.75
1.0
XW2Z-100H-3
1.5
1.25
1.5
XW2Z-150H-3
2.0
1.75
2.0
XW2Z-200H-3
3.0
2.75
3.0
XW2Z-300H-3
5.0
4.75
5.0
XW2Z-500H-3
10.0
9.75
10.0
XW2Z-010H-3
Cable length L (m) *
Model
0.25
XW2Z-C25K
0.5
XW2Z-C50K
1.0
XW2Z-100K
1.5
XW2Z-150K
2.0
XW2Z-200K
3.0
XW2Z-300K
5.0
XW2Z-500K
Cable length L (m) *
Model
1.0
0.75
XW2Z-100N
1.5
1.25
XW2Z-150N
2.0
1.75
XW2Z-200N
3.0
2.75
XW2Z-300N
5.0
4.75
XW2Z-500N
10.0
9.75
XW2Z-010N
15.0
14.75
XW2Z-15MN
20.0
19.75
XW2Z-20MN
Cable length L (m) *
Model
0.5
XW2Z-C50X
1.0
XW2Z-100X
2.0
XW2Z-200X
3.0
XW2Z-300X
5.0
XW2Z-500X
10.0
XW2Z-010X
*Cable length L (m)
Linear lengths (not including bends)
CN4
CN1
Black
Yellow
Gray
CN2
CN3
(500 mm)
(250 mm)
(500 mm)
C
B
A
A
B
C
*Cable length L (m)
L
*Cable length L (m)
Linear lengths (not including bends)
CN1
CN2
CN3
(500 mm)
(250 mm)
Green
Black
B
A
A
B
*Cable length L (m)
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com