Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XW2Z-050B-R1 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # XW2Z-050B-R1
Description  Connecting Cables for Connector-Terminal Block Conversion Units (Shielded)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-050B-R1 Datasheet(HTML) 5 Page - Omron Electronics LLC

  XW2Z-050B-R1 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 8Page - Omron Electronics LLC XW2Z-050B-R1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
XW2Z
5
Ratings and Specifications
*1. Contact resistance for the Connector.
*2. Dielectric strength for the Connector.
Materials and Finish
Note: These housings, contacts, and connecting screws are made by Fujitsu.
Rated current
1 A
Rated voltage
125 VAC 24 VDC
Contact resistance
20 m
Ω max. (at 20 mV, 100 mA max.) *1
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
500 VAC for 1 min (leakage current: 1 mA max.) *2
Ambient operating
temperature
0 to 80
°C
Item
Part name
Materials and Finish
Connectors
XG4M-2030
XG4M-4030
Housing
Fiber-glass reinforced PBT resin (UL94V-0)/black
Cover
Contacts
Mating end
Phosphor bronze/nickel base, 0.15-
μm gold plating
Press-fit end Phosphor bronze/nickel base, 2.0-
μm tin plating
XG4T-2004/4004
Strain Relief
Fiber-glass reinforced PBT resin (UL94V-0)/black
FCN-367J024-AU/F *
FCN-367J040-AU/F
Housing
Polyester resin (UL94V-0)/black
Contacts
Mating end
Copper alloy/gold plated
Press-fit end Copper alloy/tin plated
Connecting screw
Steel/nickel plated
Cable
UL2464 Interface Cable
AWG28/Shielded
Crimp terminal
Forked crimp terminal
1.25 Y AS 3.5 or the equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com