Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7GA00S0-R0 Datasheet(PDF) 32 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7GA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7GA00S0-R0 Datasheet(HTML) 32 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7GA00S0-R0 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
CERAFIL
r 10.7MHz Related Data on Lead Type
–20
–40
–20
0
+20
+40
0
+20
Temperature (°C)
+40
+60
+80
Center frequency
–20
–2
–1
0
+1
+2
0
+20
Temperature (°C)
+40
+60
+80
Insertion loss
–20
–40
–20
0
+20
+40
0
+20
Temperature (°C)
+40
+60
+80
3dB Bandwidth
c Temperature Characteristics
SFELF10M7GA00-B0
–20
–40
–20
0
+20
+40
0
+20
+40
+60
+80
–20
–2
–1
0
+1
+2
0
+20
+40
+60
+80
–20
–40
–20
0
+20
+40
0
+20
+40
+60
+80
Temperature (°C)
Center frequency
Temperature (°C)
Insertion loss
Temperature (°C)
3dB Bandwidth
SFELF10M7HA00-B0
c Matching Conditions
7
6
5
4
3
2
1
01.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
01.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
01.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
01.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
R2=220
Ω
R2=330
Ω
R2=560
Ω
R2=1k
Ω
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
SFELF10M7GA00-B0
7
6
5
4
3
2
1
01.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
01.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
01.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
7
6
5
4
3
2
1
01.2
1.0
0.8
0.6
0.4
0.2
0
10.7 10.8 10.9
10.6
10.5
C=10pF
C=33pF
C=56pF
C=82pF
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
SFELF10M7HA00-B0
30
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
c Loaded Resistance and Waveform (Rg+R1=330 ohm)
c Loaded Capacitance and Waveform (Rg+R1=R2=330 ohm)
1. When using ceramic filters, it is most important to
match the input/output load to impedance 330 ohm
(SFELF10M7DF00-B0 is 470 ohm).
Waveform symmetry is damaged when reactance is
added to the input/output load.
2. Two ceramic filters directly connected can be used
for high selectivity. For reducing waveform
variation, it is recommended to input a buffer AMP
between ceramic filters.
3. The SFELF10M7 series are of input/output symmetric
structure so that in theory there is no input/output
directionality. Actual circuits may use different
input/output loading conditions (for example,
mismatched impedance) or capacitance load. In such
cases, the waveform will be a little changed by the
direction of the input/output of the ceramic filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com