Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7GA00S0-R0 Datasheet(PDF) 42 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7GA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7GA00S0-R0 Datasheet(HTML) 42 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7GA00S0-R0 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
Lead Type SFPLA/CFWLA Series
SFPLA/CFWLA series for AM use is one of the most
suitable intermediate filters, having such
distinctive features as high selectivity, high
stability, high attenuation, and adjustment-free
operation. Additionally, its easy matching with IC
helps create an easy circuit design.
This is the most suitable for car stereo and
all band radio with high attenuation.
0.8±0.1
0.6±0.1
1.2±0.5
8.0±0.3
MARKING
EIAJ
CODE
3.3±0.5
2.7±0.3
(1)
(2)
(3)
0.15±0.05
Connection
(1) : Input
(2) : Ground
(3) : Output
(in mm)
SFPLA Series
0.15
2.3±0.5
2.0±0.3
2.9±0.3
11.0±0.5
MARKING
EIAJ
CODE
1.2±0.5
(1)
(2)
(4) (3)
(5)
0.6±0.1
0.8±0.1
2.6±0.3
Connection
(1): Input
(2)(3)(4): Ground
(5): Output
(in mm)
2.9—0.3
2.9±0.3
CFWLA Series
Part Number
Center
Frequency (fo)
(kHz)
6dB
Bandwidth
(kHz)
Selectivity (-)
(dB)
Selectivity (+)
(dB)
Insertion
Loss
(dB)
Input/Output
Impedance
(ohm)
Element
SFPLA450KJ1A-B0
450.0 ±1.0kHz
fn±2.0 min.
40 min.[fn-7.5kHz]
40 min.[fn+7.5kHz]
6.0 max.
2000
4
SFPLA450KH1A-B0
450.0 ±1.0kHz
fn±3.0 min.
40 min.[fn-9kHz]
40 min.[fn+9kHz]
6.0 max.
2000
4
CFWLA450KJFA-B0
450.0 (fn)
fn±2.0 min.
50 min.[fn-7.5kHz]
50 min.[fn+7.5kHz]
7.0 max.
2000
6
CFWLA450KHFA-B0
450.0 (fn)
fn±3.0 min.
50 min.[fn-9kHz]
50 min.[fn+9kHz]
6.0 max.
2000
6
Area of Insertion Loss: at minimum loss point
Center frequency (fo) is defined by the center of 6dB bandwidth.
(fn) means nominal center frequency (450kHz).
For safety purposes, connect the output of filters to the IF amplifier through a D.C. blocking capacitor. Avoid applying a direct current to the output of ceramic filters.
The order quantity should be an integral multiple of the "Minimum Quantity" shown in the package page.
(1)
(2)
S(3)
(4)S
(6)
Type
Item
Winding Specification
No load Qu
Tuning Capacitance
40
180pF
SFPLA/CFWLA
7x7mm IFT
(1)—(2)
(2)—(3)
(4)—(6)
60T
125T
28T
(Bottom view)
r
r
c Recommended IFT
Input
Output
R1
Rg
SSG
Ground
R2
RF
Voltmeter
Rg+R1 =R2 : Input/Output Impedance
c Test Circuit
40
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
12
CERAFIL
r (CERAFILr 455kHz) for Audio/Visual Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com