Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7GA00S0-R0 Datasheet(PDF) 72 Page - Murata Manufacturing Co., Ltd

Part # SFECF10M7GA00S0-R0
Description  (Filters/Traps/Discriminators) for Audio/Visual Equipment
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SFECF10M7GA00S0-R0 Datasheet(HTML) 72 Page - Murata Manufacturing Co., Ltd

Back Button SFECF10M7GA00S0-R0 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd SFECF10M7GA00S0-R0 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
Packaging
Continued from the preceding page.
(in mm)
Lead length under the hold down tape
Length of cut-off
Pitch of components
Pitch of sprocket hole (1)
Length from hole center to lead
Length from hole center to component center
Lead spacing (1)
Lead spacing (2)
Slant forward or backward
Slant to the left or right
Width of carrier tape
Width of hold down tape
Position of sprocket hole
Gap of hold down tape and carrier tape
Distance between the center of sprocket
hole and lead stopper
Diameter of sprocket hole
Total tape thickness
Pitch of sprocket hole (2)
Item
Code
Dimensions
Tolerance
Remarks
L1
L2
P
P0
P1
P2
F
F1
dh
dS1
W
W0
W1
W2
H0
D0
t
P020
3.0 min.
2.0 max.
12.7
12.7
3.85
6.35
5.0
2.5
0
0
18.0
6.0 min.
9.0
0
18.0
ø4.0
0.6
254.0
To distinguish the direction
Hold down tape doesn't exceed
the carrier tape
The pitch of 20 sprocket holes
-
-
±0.5
±0.2
±0.5
±0.5
±0.2
±1.0
±1.0
±0.5
-
±0.5
±0.5
±0.2
±0.2
±1.5
+0.5
–0.2
+0.5
–0
P2
P
P1
P0
F
F1 F1
D0
t
dS1
dh dh
c CERAFILr 10.7MHz Lead Type SFELF Series
Continued on the following page.
70
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com