Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP Datasheet(PDF) 8 Page - Astec America, Inc

Part # IMP
Description  Intelligent MP Series Up to 1500 Watts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

IMP Datasheet(HTML) 8 Page - Astec America, Inc

  IMP Datasheet HTML 1Page - Astec America, Inc IMP Datasheet HTML 2Page - Astec America, Inc IMP Datasheet HTML 3Page - Astec America, Inc IMP Datasheet HTML 4Page - Astec America, Inc IMP Datasheet HTML 5Page - Astec America, Inc IMP Datasheet HTML 6Page - Astec America, Inc IMP Datasheet HTML 7Page - Astec America, Inc IMP Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2006 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in US A
01.06
Rev. 1.30.06
iMP Series
8of 8
IIn
np
pu
utt
8
85
5--2
26
64
4V
VA
AC
C
1
18
80
0--2
26
64
4V
VA
AC
C
iMP8
8 =2.5" x 7" x 10" 6 available slots
1000W max.
1200W max.
(63.5 x 177.8 x 254)
iMP1
1 =2.5" x 8" x 11" 7 available slots
1200W max.
1500W max.
(63.5 x 203.2 x 279.4)
S
L
O
T
7
S
L
O
T
5
S
L
O
T
6
S
L
O
T
4
S
L
O
T
3
S
L
O
T
2
S
L
O
T
1
S
L
O
T
S
L
O
T
S
L
O
T
S
L
O
T
S
L
O
T
5
4
32
1
iMP4
iMP8 and iMP1
IIn
np
pu
utt
9
90
0--2
26
64
4V
VA
AC
C
1
18
80
0--2
26
64
4V
VA
AC
C
iMP4
4 =2.5" x 5" x 10" 5 available slots
750W max.
1100W max.
(63.5 x 127 x 254)
iMP Case Specifications
iMP1 only
6
1
10
5
Pin Connectors
1
2
3
~
N
9
10
1
2
AC Input
Pin No. Function
1
AC Neutral
2
AC Line (Hot)
3
Chassis (Earth) Ground
PFC Input Connector (control and signals)
Pin No. Function
1
Input AC OK - "Emitter"
2
Input AC OK - "Collector"
3
Global DC OK - "Emitter"
4
Global DC OK - "Collector"
5
External Sync
6
Gobal Inhibit / Optional Enable Logic "0"
7
Gobal Inhibit / Optional Enable Logic "1"
8
Gobal Inhibit / Optional Enable Return
9
+5VSB Housekeeping
10
+5VSB Housekeeping Return
I2C Bus Output Connector
Pin No. Function
1
5VCC External Bus
2
Serial Data Signal
3
Secondary Return
4
Serial Clock Signal
5
Address Bit 2
6
Address Bit 1
7
Address Bit 0
8
No connection
Mates with
Molex 90142-0010
Amp 87977-3
Mates with
Landwin 2050S/000 Housing
2053T011P Pin
Figure 1. AC Input
Figure 2. Connector J1
Figure 3. Connector J2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com