Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP Datasheet(PDF) 1 Page - Astec America, Inc

Part # IMP
Description  Intelligent MP Series Up to 1500 Watts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

IMP Datasheet(HTML) 1 Page - Astec America, Inc

  IMP Datasheet HTML 1Page - Astec America, Inc IMP Datasheet HTML 2Page - Astec America, Inc IMP Datasheet HTML 3Page - Astec America, Inc IMP Datasheet HTML 4Page - Astec America, Inc IMP Datasheet HTML 5Page - Astec America, Inc IMP Datasheet HTML 6Page - Astec America, Inc IMP Datasheet HTML 7Page - Astec America, Inc IMP Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Embedded Power for
Business-Critical Continuity
Intelligent MP
Series
Up to 1500 Watts
Special Features
• Full Medical EN60601 Approval
• Intelligent I2C Control
• Configurable Current Share
on all outputs >10A
• Voltage adjustment on all out-
puts (Manual or I2C)
• Configurable Input and Output
OK signals and indicators
• Configurable Inhibit/Enable
• Configurable Output
UP/DOWN sequencing
• Intelligent fan
(speed control/fault status)
• Customer Provided Air Option
• uP Controlled PFC input with
active Inrush protection
•I2C monitor of Voltage,
Current, and Temp
• IPMI Compliant
• Programmable Voltage, Current
Limit, Inhibit/Enable through I2C
• Optional Extended Hold-up
Module
(Semi F47 compliance)
• Power density increased by 50%
• Backward compatibility with
standard MP
• External switching frequency
sync input
• Optional Conformal Coating
• Industrial Temp Range
• No preload required
Total Power:
Up to 1500 Watts
Input Voltage: 85 - 264 VAC
120-300 VDC
# of Outputs: Up to 21
Electrical Specifications
TM
RoHS
Rev. 1.30.06
iMP Series
1of 8
Input
Input range
85-264 VAC: 120-350 VDC
(Limited to 300VDC in medical applications)
Frequency
47-440 Hz
Inrush current
40A peak max. (soft start)
Efficiency
up to 85% @ full case load
Power Factor
0.99 typ. meets EN61000-3-2
Turn-on time
AC on 1.5 sec typ., Inhibit / Enable 150 ms typ.
Programmable
EMI Filter
CISPR 22 / EN55022 Level “B”
Leakage current
300 μA max. @ 240 VAC; 47-63Hz
Radiated EMI
CISPR 22 / EN55022 Level “B”
Holdover storage
20 ms minimum (independent of input VAC) additional
34mSEC holdover storage with optional HUP module
(Semi F47 compatible)
AC OK
>5 ms early warning min. before outputs lose regulation.
Programmable. Full cycle ride thru (50 Hz)
Harmonic distortion
Meets EN61000-3-2
Isolation
Meets EN60950 and EN60601
Global Inhibit/Enable
TTL, Logic “1” and Logic “0”. Configurable.
Input fuse (internal)
iMP4: 10A; iMP8: 20A; iMP1: 20A (both lines fused)
Warranty
2 years


Similar Part No. - IMP

ManufacturerPart #DatasheetDescription
logo
Power-One
IMP POWER-ONE-IMP Datasheet
72Kb / 4P
1...12 Watt DC-DC Converters
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 9P
Intelligent MP Series
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP Datasheet
2Mb / 8P
Intelligent MP
logo
ORION FANS
IMP-154-22 ORIONFANS-IMP-154-22 Datasheet
5Mb / 8P
AC & EC FANS
More results

Similar Description - IMP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
Autoranging Rectifier Modules Up to 1500 Watts
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
Intelligent MP
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
Up to 1500 Watts
IMP EMERSON-NETWORKPOWER-IMP_11 Datasheet
3Mb / 9P
Intelligent MP Series
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
1500 Watts
logo
Artesyn Technologies
IVS1-3E0-3E0-1L0 ARTESYN-IVS1-3E0-3E0-1L0 Datasheet
2Mb / 12P
Intelligent VS Power Up to 4920 Watts
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Vicor Corporation
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com