Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP Datasheet(PDF) 2 Page - Astec America, Inc

Part # IMP
Description  Intelligent MP Series Up to 1500 Watts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

IMP Datasheet(HTML) 2 Page - Astec America, Inc

  IMP Datasheet HTML 1Page - Astec America, Inc IMP Datasheet HTML 2Page - Astec America, Inc IMP Datasheet HTML 3Page - Astec America, Inc IMP Datasheet HTML 4Page - Astec America, Inc IMP Datasheet HTML 5Page - Astec America, Inc IMP Datasheet HTML 6Page - Astec America, Inc IMP Datasheet HTML 7Page - Astec America, Inc IMP Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. 1.30.06
iMP Series
2of 8
Output
Adjustment range*
±10% minimum all outputs (manual)
(full module adjustment range using II22C
C)
Margining
±4-6% nominal analog (single output module only)
Overall reg
0.4% or 20 mV max. (36W modules 4% max.)
Ripple
RMS: 0.1% or 10 mV, whichever is greater
Pk-Pk: 1.0% or 50 mV, whichever is greater
Bandwidth limited to 20 MHz
Dynamic response
<2% or 100 mV, with 25% load step
Recovery time
To within 1% in <300 μsec.
Overcurrent protection* Configurable through II22C
C. Single output module and main out-
put of the dual output module 105-120% of rated output cur-
rent. Aux output of dual output module 105-140% of rated
output current
Triple output module internally protected
Short circuit protection
Protected for continuous short circuit
Recovery is automatic upon removal of short
Overvoltage protection* Configurable through I2C
Single output module
2-5.5V 122-134% ; 6-60V 110-120%
Dual output module
2-6V 122-134% ; 8-28V 110-120%
Triple output module
No overvoltage protection provided
Reverse voltage protection 100% of rated output current
Thermal protection*
Configurable through II22C
C
All outputs disabled when internal temp exceeds safe operat-
ing range. >5 ms warning (AC OK signal) before shutdown
Remote sense
Up to 0.5 V total drop (not available on triple output module)
Singlewire parallel
Configurable through firmware
Current share to within 2% of total rated current
D
DC
C O
OK
K*
*
+/-5% of nominal. Configurable through II22C
C
Minimum load
Not required
Housekeeping bias voltage 5 VDC @1.0Amp max. present whenever AC input is applied
Module inhibit*
Configured and controlled through II22C
C
Switching frequency
250 kHz accepts external sync signal
Output/Output isolation
>1 Megohm, 500V
VME signal*
DC OK signal programmable through II22C
C to function
as POR signal
*Can be controlled via I2C
Safety
UL
UL60950/UL2601
CSA
CSA22.2 No. 234 Level 5
VDE
EN60950/EN60601
BABT Compliance to
EN 60950/EN60601 BS 7002
CB
Certificate and report
CE
Mark to LVD
Module Code
1
1
2
2
3
3
4
4
N
No
on
ne
e
Module Type
S
Siin
ng
glle
e
S
Siin
ng
glle
e
S
Siin
ng
glle
e
D
Du
ua
all
T
Trriip
plle
e
Max output power
210W
360W
750W
144W
36W
Max output current
35A
60A
150A
10A
2A
Output voltages available*
2-60V
2-60V
2-60V
5, 12-15, 28-30V 2-6, 12-15, 28-30V 8-15V 8-28V 2-28V
Standard voltage increments
25
25
25
19
18
Remote sense
Yes
Yes
Yes
Yes
Yes
No
No
No
Remote margin
Yes
Yes
Yes
No
No
No
No
No
V-Program - I2C Control
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Active Current Share
Yes
Yes
Yes
Yes
No
No
No
No
Module Inhibit - I2C Control
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Module Inhibit - Analog
Yes
Yes
Yes
No
No
No
No
No
Over voltage / Over current protection
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Minimum load required
No
No
No
No
No
No
No
No
Slots occupied in any iMP case
1
2
3
1
1
Output Module Line-up
*Programmable
Operating
temperature
-40° to 70°C ambient. Derate
each output 2.5% per degree
from 50° to 70°C.
( -20°C start up)
Storage
temperature
-40°C to +85°C
Electromagnetic
susceptibility
Designed to meet EN61000-
4; -2, -3, -4, -5, -6, -8, -11
Level 3
Humidity
Operating; non-condensing
10% to 95% RH
Vibration
IEC68-2-6 to the levels of
IEC721-3-2
MTBF
demonstrated
>550,000 hours at full load,
220VAC and 25°C ambient
conditions
Environmental
Specifications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com