Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R-1M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-1010-R-1M
Description  A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R-1M Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-1010-R-1M Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EE-SPX303N/403N
2
Ratings and Specifications
Engineering Data (Typical)
Sensing Position Characteristics
EE-SPX303N
Item
Models
EE-SPX303N, EE-SPX403N
Sensing distance
13 mm (slot width)
Sensing object
Opaque: 2.2
× 0.5 mm min.
Differential distance
0.05 mm max.
Light source
Infrared LED (pulse lighting) with a peak wavelength of
940 nm
Indicator
Light indicator (red)
Supply voltage
12 to 24 VDC ±10%, ripple (p-p): 5% max.
Current consumption
15 mA max.
Control output
NPN voltage output:
Load power supply voltage: 12 to 24 VDC
Load current: 80 mA max.
OFF current: 0.5 mA max.
80 mA load current with a residual voltage of 2.0 V max.
10 mA load current with a residual voltage of 1.0 V max.
Protection circuits
Power supply reverse polarity protection,
Output reverse polarity protection
Response frequency *
100 Hz min.
Ambient illumination
3,000 lx max. with incandescent light or sunlight on the surface of
the receiver.
Ambient temperature
range
Operating:
−10 to +55°C
Storage:
−25 to +65°C
Ambient humidity range
Operating: 5% to 85%
Storage:
5% to 95%
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 h each
in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC IP50
Connecting method
Special connector (soldering not possible)
Weight
Approx. 4 g
Material
Polycarbonate
* The response frequency was measured by
detecting the following rotating disk.
2 mm
Disk
2 mm
2 mm
0
1
2
3
4
5
6
Distance d (mm)
Tr ON
Tr OFF
Dark-ON
d
0
1
2
3
4
5
6
Distance d (mm)
Tr ON
Tr OFF
Dark-ON
d



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com