Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R-1M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # EE-1010-R-1M
Description  A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R-1M Datasheet(HTML) 3 Page - Omron Electronics LLC

  EE-1010-R-1M Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EE-SPX303N/403N
3
I/O Circuit Diagrams
NPN Output
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
Make sure that this product is used within the rated ambient
environment conditions.
● Wiring
• Connection is made using a connector. Do not solder to the pins
(leads). The pins (leads) are soldered to the internal board of the
Sensor. Therefore, direct soldering of the pins (leads) may result in
an internal disconnection causing malfunction.
• When extending the cable, use an extension cable with conductors
having a total cross-section area of 0.3 mm2. The total cable length
must be 2 m maximum.
• To use a cable length longer than 2 m, attach a capacitor with a
capacitance of approximately 10
μF to the wires as shown below.
The distance between the terminal and the capacitor must be within
2 m. (Use a capacitor with a dielectric strength that is at least twice
the Sensor's power supply voltage.)
• Make sure the total length of the power cable connected to the
product is less than 10 m even if a capacitor is inserted.
Model
Output
configuration
Timing charts
Output circuit
EE-SPX403N
Light-ON
EE-SPX303N
Dark-ON
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
H
L
Light indicator
(red)
Output
transistor
Load 1
(relay)
Load 2
lC
Light
indicator
(red)
1.5 to
3 mA
Load 1
Load 2
Main
circuit
OUT
∗
* Voltage output (when the sensor is connected to a transistor circuit)
12 to 24 VDC
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
H
L
Light indicator
(red)
Output
transistor
Load 1
(relay)
Load 2
WARNING
Precautions for Correct Use
OUT
Extension cable
A capacitance of
10
μF min.
+
−
12 to 24 VDC
0 V
2 m max.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com