Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R-1M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-1010-R-1M
Description  A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R-1M Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-1010-R-1M Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R-1M Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
CSM_EE-SPX303N_403N_DS_E_3_1
Broad Slot-type Photomicrosensor
EE-SPX303N/403N
A Wide Slot Width of 13 mm and Superior
Resistance to Light Interference and Noise.
• Noise resistance equivalent to photomicrosensors with built-in amplifiers.
• Resistance to common noise at least 30 times that of previous models.
• Resistance to inverter noise at least 10 times that of previous models.
• Reverse polarity protection built in.
Be sure to read Safety Precautions on
page 3.
Ordering Information
Sensors
Accessories (Order Separately)
* Refer to Accessories for details.
Appearance
Sensing method
Sensing distance
(slot width)
Output type
Output
configuration
Model
Through-beam type
(with slot)
NPN output
Dark-ON
EE-SPX303N
Light-ON
EE-SPX403N
Type
Cable length
Model
Connector
EE-1001
EE-1009
Connector with
Cable
1 m
EE-1006 1M
EE-1010 1M
2 m
EE-1006 2M
EE-1010 2M
Connector with
Robot Cable
1 m
EE-1010-R 1M
2 m
EE-1010-R 2M
NPN/PNP Conversion Connector
0.46 m (total length)
EE-2002
Infrared light
13 mm
(slot width)


Similar Part No. - EE-1010-R-1M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1010-R OMRON-EE-1010-R Datasheet
430Kb / 7P
Reflective Photomicrosensor with Sensitivity Adjuster
EE-1010-R OMRON-EE-1010-R Datasheet
365Kb / 5P
Accurately detects objects placed in front of shiny Background.
EE-1010-R 1M OMRON-EE-1010-R 1M Datasheet
1Mb / 12P
Slot-type Photomicrosensor (Non-modulated)
04/14
EE-1010-R 2M OMRON-EE-1010-R 2M Datasheet
1Mb / 12P
Slot-type Photomicrosensor (Non-modulated)
04/14
EE-1010-R2M OMRON-EE-1010-R2M Datasheet
2Mb / 38P
Sensor connectors, reflectors, mounting brackets, accessories
More results

Similar Description - EE-1010-R-1M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1001B PHILIPS-TDA1001B Datasheet
108Kb / 13P
Interference and noise suppression circuit for FM receivers
December 1982
logo
Lumileds Lighting Compa...
PB217 LUMILEDS-PB217 Datasheet
1Mb / 2P
Superior lumen maintenance and corrosion resistance in punishing conditions
DS217 LUMILEDS-DS217 Datasheet
3Mb / 18P
Superior lumen maintenance and corrosion resistance in punishing conditions
logo
Omron Electronics LLC
F3W-D OMRON-F3W-D Datasheet
1Mb / 12P
Compact, Resistant to Mutual Interference, and Ideal for Picking a Variety of Parts.
logo
PHOENIX CONTACT
2735438 PHOENIX-2735438 Datasheet
87Kb / 5P
Profile PC board base, with a constructional width of 122 mm and a fixed length of 235 cm
2906319 PHOENIX-2906319 Datasheet
62Kb / 2P
Profile housing and board base, with a constructional width of 100 mm and a fixed length of 200 cm
2908809 PHOENIX-2908809 Datasheet
107Kb / 3P
Profile housing and board base, 13 mm wide module, consisting of two side elements
2914563 PHOENIX-2914563 Datasheet
73Kb / 2P
Profile panel mounting base, with a design width of 100 mm and a fixed length of 100 cm
2914576 PHOENIX-2914576 Datasheet
68Kb / 2P
Profile panel mounting base, with a design width of 122 mm and a fixed length of 100 cm
logo
Omron Electronics LLC
ES1C OMRON-ES1C Datasheet
852Kb / 8P
Achieve Superior Environmental Resistance and a Wide Measurement Range of 0 to 400°C.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com