Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTH247 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CTH247
Description  DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator Phototransistor Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTH247 Datasheet(HTML) 3 Page - CT Micro International Corporation

  CTH247 Datasheet HTML 1Page - CT Micro International Corporation CTH247 Datasheet HTML 2Page - CT Micro International Corporation CTH247 Datasheet HTML 3Page - CT Micro International Corporation CTH247 Datasheet HTML 4Page - CT Micro International Corporation CTH247 Datasheet HTML 5Page - CT Micro International Corporation CTH247 Datasheet HTML 6Page - CT Micro International Corporation CTH247 Datasheet HTML 7Page - CT Micro International Corporation CTH247 Datasheet HTML 8Page - CT Micro International Corporation CTH247 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CTH247 Series
DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator®
Phototransistor Optocoupler
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.2
ALL RIGHTS RESERVED.
Page 3
Mar, 2022
Electrical Characteristics T
A = 25°C, unless otherwise specified
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF=10mA
1.24
1.4
V
IR
Reverse Current
VR = 6V
-
-
5
µA
CIN
Input Capacitance
f= 1MHz
-
10
30
pF
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
BVCEO
Collector-Emitter Breakdown
IC= 0.1mA
80
-
-
V
BVECO
Emitter-Collector Breakdown
IE= 0.1mA
7
-
-
V
ICEO
Collector-Emitter Dark Current
VCE= 20V, IF=0mA
-
-
100
nA
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CTR
Current Transfer
Ratio
CTH247
IF= 5mA, VCE= 5V
50
600
%
CTH247A
80
160
CTH247B
130
260
CTH247C
200
400
VCE(SAT)
Collector-Emitter Saturation
Voltage
IF= 20mA, IC= 1mA
-
0.1
0.2
V
RIO
Isolation Resistance
VIO= 500VDC
5x1010
Ω
CIO
Isolation Capacitance
f= 1MHz
0.5
1
pF
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
tr
Rise Time
IC= 2mA, VCE= 2V, RL= 100Ω
-
6
-
µs
tf
Fall Time
-
8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com