Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTH247 Datasheet(PDF) 10 Page - CT Micro International Corporation

Part # CTH247
Description  DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator Phototransistor Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTH247 Datasheet(HTML) 10 Page - CT Micro International Corporation

Back Button CTH247 Datasheet HTML 4Page - CT Micro International Corporation CTH247 Datasheet HTML 5Page - CT Micro International Corporation CTH247 Datasheet HTML 6Page - CT Micro International Corporation CTH247 Datasheet HTML 7Page - CT Micro International Corporation CTH247 Datasheet HTML 8Page - CT Micro International Corporation CTH247 Datasheet HTML 9Page - CT Micro International Corporation CTH247 Datasheet HTML 10Page - CT Micro International Corporation CTH247 Datasheet HTML 11Page - CT Micro International Corporation CTH247 Datasheet HTML 12Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CTH247 Series
DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator®
Phototransistor Optocoupler
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.2
ALL RIGHTS RESERVED.
Page 10
Mar, 2022
Solderability Specification (follow the JEDEC standard JESD22-B102)
Reflow Soldering: Immersed surface, other than the end of pin as cut-surface, must be covered by
solder.
Solder-Bath: More than 95% of the electrode must be covered with solder.
Wave Soldering (follow the JEDEC standard JESD22-A111)
One time soldering is recommended within the condition of temperature.
Temperature: 260+0/-
5˚C.
Time: 10 sec.
Preheat temperature:25 to 140˚C.
Preheat time: 30 to 80 sec.
Iron Soldering (follow the standard MIL-STD 202G, Method 210F)
Allow single lead soldering in every single process.
One time soldering is recommended.
Temperature: 350
±10˚C
Time: 5 sec max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com