Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTH247 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CTH247
Description  DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator Phototransistor Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTH247 Datasheet(HTML) 2 Page - CT Micro International Corporation

  CTH247 Datasheet HTML 1Page - CT Micro International Corporation CTH247 Datasheet HTML 2Page - CT Micro International Corporation CTH247 Datasheet HTML 3Page - CT Micro International Corporation CTH247 Datasheet HTML 4Page - CT Micro International Corporation CTH247 Datasheet HTML 5Page - CT Micro International Corporation CTH247 Datasheet HTML 6Page - CT Micro International Corporation CTH247 Datasheet HTML 7Page - CT Micro International Corporation CTH247 Datasheet HTML 8Page - CT Micro International Corporation CTH247 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CTH247 Series
DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator®
Phototransistor Optocoupler
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.2
ALL RIGHTS RESERVED.
Page 2
Mar, 2022
Absolute Maximum Ratings T
A = 25°C, unless otherwise specified
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at
these or any other conditions in excess of those given in the operational sections of this document. In addition, extended exposure to stresses above
the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameters
Ratings
Units
Notes
VISO
Isolation voltage
3750
VRMS
1
TOPR
Operating temperature
-55 ~ +125
oC
TSTG
Storage temperature
-55 ~ +150
oC
TSOL
Soldering temperature
260
oC
2
PTOT
Total power dissipation
200
mW
Emitter
IF
Forward current
50
mA
3
IF(TRANS)
Peak transient current
(≤1μs P.W,300pps)
1
A
3
VR
Reverse voltage
6
V
3
PD
Power dissipation
70
mW
3
Detector
PC
Power dissipation
100
mW
3
BVCEO
Collector-Emitter Breakdown Voltage
80
V
3
BVECO
Emitter-Collector Breakdown Voltage
7
V
3
IC
Collector Current
50
mA
3
Notes
1.
AC for 1 minute, RH = 40 ~ 60%.
2.
For reflow process
3.
Each Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com