Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2182 Datasheet(PDF) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2182
Description  One Channel Reversible Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2182 Datasheet(HTML) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2182 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AM2182
Motor Driver IC
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
M
Ma
arr,, 2
20
01
14
4 V
V1
1..1
1
- 9 -
The lower via pad area, slightly larger than the IC pad itself, is exposed with a window in the
solder resist on the bottom surface of the board. It is not coated with solder during the board
construction to maintain a flat surface. In production, this can be accomplished with a peeled
solder mask.
We suggest the dimension of via should be ψ0.34mm in order to let solder be filled in via to
optimize the heat transfer to the PCB.
The number of via should be as much as possible to cover whole pad area in order to
optimize the heat transfer to the PCB.
Operation notes
1) The built-in thermal shutdown circuit mutes the output current when the chip temperature reaches
175℃ (typ.). The hysteresis is set to 25℃ (typ.), so the circuit will start up again when the chip
temperature falling to 150℃ (typ.).
2) Insert the bypass capacitor (~ 0.1uF ) between Vcc pin and GND pin as close as possible.
3) Motor output driver logic input:
FWD (pin17)
REV (pin18)
VO+ (pin5)
VO- (pin3)
Function
L
L
OPEN
OPEN
Open mode
L
H
L
H
Reverse mode
H
L
H
L
Forward mode
H
H
L
L
Brake mode
Input circuit of pin17 and pin18 is designed to avoid simultaneous activation of upper and
lower output tr. ; however, in order to improve reliability, apply motor forward/reverse input
once through open mode.
We recommend time period for open longer than 10msec.
“H” side Output voltage on output voltage (VO+, VO-) varies depending on output control
terminal for Motor output (pin19). “H” side output voltage is set three times (9.2dB Typ.)
SET(pin19). And, “L” side output voltage is equal to output saturation voltage.
4) Motor output CH Vom compensation function:
This Vom compensation function allows low Vom ( for example: 4.7V) setting
to have superior noise-less performance with different type motors application.
The Vom won’t be dropped seriously when output CH is blocked by external force.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com