Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2182 Datasheet(PDF) 2 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2182
Description  One Channel Reversible Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2182 Datasheet(HTML) 2 Page - AMtek SEMICONDUCTORS CO., LTD

  AM2182 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AM2182
Motor Driver IC
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
M
Ma
arr,, 2
20
01
14
4 V
V1
1..1
1
- 2 -
Electrical Characteristics ( Unless otherwise specified, Ta = 25℃, PREVCC = 12V,
POWVCC = 5V, PS = 2V)
Parameter
Symbol
Conditions
Limit
Unit
Min
Typ
Max
Quiescent Current
ICC
FWD = REV = “L”, PS = “H”,
RL = ∞
-
10
15
mA
Power save on current
IPS
FWD = REV = PS = “L”,
RL = ∞
-
0.1
0.3
mA
Power save on voltage
VPSON
-
-
0.5
V
Power save off voltage
VPSOFF
2.0
-
-
V
<Motor Driver>
Output saturation voltage
1
VSAT1
Upper + Lower saturation,
IL = 200mA, POWVCC=8V
0.6
0.9
1.4
V
Output saturation voltage
between F&R
ΔVSAT1
Output saturation voltage 1
between FWD and REV
-
-
0.1
V
Output saturation voltage
2
VSAT2
Upper + Lower saturation,
IL = 500mA, POWVCC=8V
0.7
1.2
2.0
V
Output adjustable gain on
“H” side voltage
GVH
“H” side output for input (SET)
7.4
9.4
11
dB
<Motor driver input logic>
Input high level voltage
VIHM
1.5
-
VCC
V
Input low level voltage
VILM
-0.3
-
0.5
V
Input high level current
IIHLD
FWD = REV = 5V
-
90
180
μA
Block Diagram
1
REV
FWD
POWER
SAVE
PREVCC
(PRE)
POWVCC
PREVCC
OUTPUT PRE / VOM
COMPENSATION
FUNCTION
2
POWVCC
3
VO-
4
PGND
5
VO+
6
NC
7
8
9
10
NC
NC
NC
NC
20
PS
19
SET
18
REV
17
FWD
16
GND
15
NC
14
13
12
11
NC
NC
NC
NC
TSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com