Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2182 Datasheet(PDF) 5 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2182
Description  One Channel Reversible Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2182 Datasheet(HTML) 5 Page - AMtek SEMICONDUCTORS CO., LTD

  AM2182 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2182 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AM2182
Motor Driver IC
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
M
Ma
arr,, 2
20
01
14
4 V
V1
1..1
1
- 5 -
Application circuit
1
REV
FWD
POWER
SAVE
PREVCC
(PRE)
POWVCC
OUTPUT PRE / VOM
COMPENSATION
FUNCTION
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TSD
8V
8V
PS
REV
FWD
SET
M
Power dissipation curve :
Thermal Information
θja junction-to-ambient thermal resistance
35.51℃/W
Ψjt junction-to-top characterization parameter 0.53℃/W
Θja is obtained in a simulation on a JEDEC-standard 2s2p board as specified
inJESD-51.
The
Θja number listed above gives an estimate of how much temperature rise is
expected if the device was mounted on a standard JEDEC board.
When mounted on the actual PCB, the
Θja value of JEDEC board is totally different than
the
Θja value of actual PCB.
Ψjt is extracted from the simulation data to obtain Θja using a procedure described in
JESD-51, which estimates the junction temperature of a device in an actual PCB.
The thermal characterization parameter,
Ψjt, is proportional to the temperature
difference between the top of the package and the junction temperature. Hence, it is
useful value for an engineer verifying device temperature in an actual PCB environment
as described in JEDEC JESD-51-12.
When Greek letters are not available,
Ψjt is written Psi-jt.
Definition:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com