Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T-1FCVG484E Datasheet(PDF) 80 Page - Microchip Technology

Part # MPFS250T-1FCVG484E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG484E Datasheet(HTML) 80 Page - Microchip Technology

Back Button MPFS250T-1FCVG484E Datasheet HTML 76Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 77Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 78Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 79Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 80Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 81Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 82Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 83Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
Unit
–1 Max
–1 Min
STD Max
STD Min
Mode
MHz
266
225
32-bit, max data
rate = 7.2 Gbps (–S-
TD) / 8.5 Gbps (–1)
MHz
266
225
40-bit, max data
rate = 9.0 Gbps (–S-
TD) / 10.6 Gbps (–1
)
1
MHz
200
165
64-bit, max data
rate = 10.3125 G-
bps (–STD) / 12.7
Gbps (–1)
1
MHz
160
130
80-bit, max data
rate = 10.3125 G-
bps (–STD) / 12.7
Gbps (–1)
1
1. For data rates greater than 10.3125 Gbps, VDDA must be set to 1.05 V mode. See supply tolerance in
the section Recommended Operating Conditions.
Table 90 • PolarFire SoC Transceiver Transmitter Characteristics
Condition
Unit
Max
Typ
Min
Symbol
Parameter
Ω
85
VOTERM
Differential ter-
mination
Ω
100
VOTERM
Ω
150
VOTERM
DC coupled 50%
setting
V
0.59 × VDDA
0.525 × VDDA
0.44 × VDDA
VOCM
Common mode
voltage
1
DC coupled 60%
setting
V
0.66 × VDDA
0.6 × VDDA
0.52 × VDDA
VOCM
DC coupled 70%
setting
V
0.75 × VDDA
0.7 × VDDA
0.61 × VDDA
VOCM
DC coupled 80%
setting
V
0.83 × VDDA
0.8 × VDDA
0.63 × VDDA
VOCM
20% to 80%
ps
61
40
TTxRF
Rise time
2 Fall
time
2
80% to 20%
ps
58
39
1000 mV setting
mV
1320
1140
1080
VODPP
Differential
peak-to-peak
amplitude
800 mV setting
mV
1220
1060
1010
VODPP
500 mV setting
mV
670
580
550
VODPP
400 mV setting
mV
560
490
465
VODPP
76
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com