Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T-1FCVG484E Datasheet(PDF) 92 Page - Microchip Technology

Part # MPFS250T-1FCVG484E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG484E Datasheet(HTML) 92 Page - Microchip Technology

Back Button MPFS250T-1FCVG484E Datasheet HTML 88Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 89Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 90Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 91Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 92Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 93Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 94Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 95Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 128 page
background image
Unit
Max
Min
Data Rate
Parameter
UI
0.3
6.25 Gbps
UI
0.3
12.5 Gbps
1
UI
0.56
3.125 Gbps
Receive jitter tolerance
UI
0.6
6.25 Gbps
UI
0.7
12.5 Gbps
1
1. For data rates greater than 10.3125 Gbps, VDDA must be set to 1.05 V mode. See supply tolerance in
the
section
Recommended Operating Conditions.
6.6.8
Display Port
The following table describes Display Port.
Table 106 • Display Port
Unit
Max
Min
Condition
Data Rate
Parameter
UI
0.27
Test point: TP2
1.62 Gbps
Total transmit jitter
UI
0.42
Test point: TP2
2.7 Gbps
UI
0.62
Test point: TP3_EQ
5.4 Gbps
UI
0.747
SJ at 20 MHz
1.62 Gbps
Receive jitter toler-
ance
UI
0.491
SJ at 100 MHz
2.7 Gbps
UI
0.636
SJ at 10 MHz
5.4 Gbps
6.6.9
Serial RapidIO
The following table describes Serial RapidIO.
Table 107 • Serial RapidIO
Unit
Max
Min
Condition
Data Rate
Parameter
UI
0.35
1.25 Gbps
Total transmit jitter
UI
0.35
2.5 Gbps
UI
0.35
3.125 Gbps
UI
0.3
5.0 Gbps
UI
0.3
6.25 Gbps
UI
0.28
10.3125 Gbps
UI
0.65
1.25 Gbps
Receive jitter toler-
ance
88
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com