Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T-1FCVG484E Datasheet(PDF) 13 Page - Microchip Technology

Part # MPFS250T-1FCVG484E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG484E Datasheet(HTML) 13 Page - Microchip Technology

Back Button MPFS250T-1FCVG484E Datasheet HTML 9Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 10Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 11Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 12Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 13Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 14Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 15Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 16Page - Microchip Technology MPFS250T-1FCVG484E Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
Condition
Unit
Max
Min
Symbol
Parameter
VDDIx = 1.35 V
µA
86
52
Pad pull-down when VIN = 1.35
V
VDDIx = 1.2 V
µA
79
47
Pad pull-down when VIN = 1.2
V
1. Represents the die input capacitance at the pad (not the package).
Table 7 • Minimum and Maximum Rise and Fall times
Condition
Maximum fre-
quency
Unit
Max
Min
Symbol
Parameter
Not to exceed 1
μs
100 KHz
ps
10% bit period
200 ps
2,3
TRISE
TFALL
Input rise time
1,4
Input fall time
1,4
Not to exceed 30
0 ns
400 KHz
ps
12.5% bit period
Not to exceed 50
ns
50 MHz
ps
20% bit period
800 MHz
ns
4
1. Voltage ramp must be monotonic. For single-ended IO standards, input rise time is specified from
10%–90% of VDDIx and input fall time is specified from 90%–10% of VDDIx. For voltage referenced and
differential IO configurations, ramp times must always comply with I/O standard requirements to ensure
compliance.
2. Input slew rates must be controlled to never exceed PAD overshoot/undershoot requirements. Input
pad overshoot and undershoot specifications are shown in section Maximum Allowed Overshoot and
Undershoot.
3. Rise and fall times in this table are for unterminated inputs. When inputs are terminated, minimum
ramp time is not restricted. Recommended minimum ramp time is 25% of bit period, not to exceed a
rate of 5 V/ns.
4. Ramp times must not exceed I/O standard requirements to ensure compliance.
5.2.2
Maximum Allowed Overshoot and Undershoot
The following table lists the maximum AC input voltage (VIN) overshoot duration for HSIO.
During transitions, input signals may overshoot and undershoot the voltage listed as follows. Input currents
must be limited to less than 100 mA per latch-up specifications.
The maximum overshoot duration is specified as a high-time percentage over the lifetime of the device. A
DC signal is equivalent to 100% of the duty-cycle.
Table 8 • Maximum Overshoot During Transitions for HSIO
Condition (V)
AC (VIN) Overshoot Duration as % at TJ = 100 °C
1.8
100
1.85
100
1.9
100
9
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com