Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS-1FCVG484E Datasheet(PDF) 28 Page - Microchip Technology

Part # MPFS250TLS-1FCVG484E
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS-1FCVG484E Datasheet(HTML) 28 Page - Microchip Technology

Back Button MPFS250TLS-1FCVG484E Datasheet HTML 24Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 25Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 26Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 27Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 28Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 29Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 30Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 31Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
data clock available to the fabric, and can be used directly to register the parallel data coming from the internal
logic. The transmit parallel data has additional hardware support for the 8b/10b, 64b/66b, or 64b/67b encoding
schemes to provide a sufficient number of transitions. The bit-serial output signal drives two package pins with
differential signals. The output signal pair supports a wide variety of serial protocols and has programmable signal
swing, as well as programmable pre- and post-emphasis to compensate for PC board losses and other interconnect
characteristics. For shorter channels, the swing can be reduced to lower power consumption. Each transmit lane can
be sourced by one of two transmit PLLs. Each transmit PLL can drive up to four transceiver lanes. Transmitter PLLs
are state-of-the-art fractional frequency synthesizers with integrated jitter attenuation.
4.3.1.3
Receiver
The receiver is fundamentally a serial-to-parallel converter with clock recovery changing the incoming bit-serial
differential signal into a parallel stream of words of 8, 10, 16, 20, 32, 40, 64, or 80 bits. This allows the FPGA
designer to trade off the internal data path width versus logic timing margin. The receiver takes the incoming
differential data stream, feeds it through programmable linear and decision feedback equalizers (to compensate for
PC board and other interconnect characteristics), and uses the reference clock input to initiate clock recognition. The
data pattern uses non-return-to-zero (NRZ) encoding and optionally guarantees sufficient data transitions by using
the selected encoding scheme. The outgoing parallel data has additional hardware support for the 8b/10b, 64b/66b,
or 64b/67b encoding schemes to provide a sufficient number of transitions. Parallel data is transferred into the FPGA
logic using the recovered clock (RX_CLK).
4.3.1.4
Transceiver Lane Modes
The transceiver lane supports the following five modes of operation.
• PMA—direct access to the PMA without any encoding
• 8b/10b—8b/10b encoding/decoding is provided
• 64b/6xb—64b/66b or 64/67b encoding/decoding with gearbox logic is provided
• PIPE—a PIPE interface supporting both PCIe Gen2 and SATA 3.0
• PCIe—direct connection to the embedded PCIe Gen2 controller
The following illustration shows the collaboration of the five modes that the transceiver lanes support.
Programmable Logic Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com