Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS-1FCVG484E Datasheet(PDF) 35 Page - Microchip Technology

Part # MPFS250TLS-1FCVG484E
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS-1FCVG484E Datasheet(HTML) 35 Page - Microchip Technology

Back Button MPFS250TLS-1FCVG484E Datasheet HTML 31Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 32Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 33Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 34Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 35Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 36Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 37Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 38Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
• 480 MHz operation
• Two-port memory with 64 words of 12 bits
• The write port operates synchronously
• The write port has a fixed width
• The read port operates asynchronously and supports synchronous and pipeline operations with the FPGA fabric
flip-flops
• The Libero SoC Design Suite provides automated combining and cascading for larger memories
• Multiple memory blocks can be combined to extend the depth or width
• Provides a state-keeping, low-power suspend mode
• Implemented as an array of latches
4.4.5
µPROM
The µPROM is a single monolithic non-volatile memory that provides a PROM-like storage for a variety of purposes,
including initialization data for other memories, user calibration data, and so on. The memory cells are constructed
from the FPGA configuration cells and are updated when the device is programmed.
The following are key features of the µPROM:
• 10 ns read access time
• Programmed with the FPGA bitstream
• Asynchronous or synchronous read access mode from the FPGA fabric
4.4.6
sNVM
Each PolarFire SoC FPGA has 56 KB of sNVM. The sNVM is organized into 221 pages of 236 bytes or 252 bytes,
depending on whether the data is stored as plain text or encrypted/authenticated data. It is accessible to users
through system services calls to the PolarFire SoC FPGA system controller. Pages within the sNVM can be marked
as ROM during bitstream programming. The sNVM content can be used to initialize LSRAM and µSRAMs with
secure data. The sNVM is only accessible through system service calls. Data written to the sNVM can be protected
by the PUF. The sNVM can be used to store user secure boot code for the microprocessor subsystem and encryption
keys.
4.4.7
Math Block
The fundamental building block in any digital signal processing algorithm is the multiply-accumulate (MACC)
operation. PolarFire SoC FPGAs implement a custom 18 x 18 MACC block for an efficient, low-power implementation
of complex DSP algorithms such as finite impulse response (FIR) filters, infinite impulse response (IIR) filters, and
fast Fourier transform (FFT) for filtering and image processing applications. An optional 16-word coefficient ROM can
be constructed from logic elements located near the math block.
The following are key features of the math block functionality:
• 500 MHz operation
• 18 × 18 two's complement multiplier accumulator with an output width of 48 bits
• Power-saving pre-adder to optimize linear phase FIR filter applications and reduce the math block usage
• Optional pipelining and dedicated buses for cascading
• Dot-product mode for complex multiplies
The following illustration shows the functional blocks of the math block.
Programmable Logic Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com