Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS-1FCVG484E Datasheet(PDF) 12 Page - Microchip Technology

Part # MPFS250TLS-1FCVG484E
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS-1FCVG484E Datasheet(HTML) 12 Page - Microchip Technology

Back Button MPFS250TLS-1FCVG484E Datasheet HTML 8Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 9Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 10Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 11Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 12Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 13Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 14Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 15Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Table 3-2. U54 Application Cores
Feature
Description
ISA
RV64IMAFDC (RV64GC)
Instruction cache
32 KB, 8-way
Instruction tightly
integrated memory (ITIM)
Maximum of 28 KB
Data cache
32 KB, 8-way
ECC support
Single-error correct, double-error detect on the instruction cache/ITIM and data cache
Virtual memory support
The U54 has support for Sv39 virtual memory support with a 39-bit virtual address
space, 38-bit physical address space, and 32-entry TLB
Privileged modes
Machine (M), Supervisor (S), User (U)
3.1.2.1
U54 Instruction Memory System
The instruction memory system consists of a dedicated 32 KB, 8-way, set-associative, Virtually Indexed Physically
Tagged (VIPT) instruction cache. The access latency of all blocks in the instruction memory system is one clock
cycle. The instruction cache is not kept coherent with the rest of the platform memory system. Writes to instruction
memory must be synchronized with the instruction fetch stream by executing a FENCE.I instruction. The instruction
cache has a line size of 64 bytes and a cache line fill will trigger a burst access outside of the PolarFire SoC CPU
core complex. The core will cache instructions from executable addresses, with the exception of the ITIM. Trying to
execute an instruction from a non-executable address will result in a synchronous trap.
3.1.2.2
U54 I-Cache Reconfiguration
The instruction cache can be partially reconfigured into an Instruction Tightly Integrated Memory (ITIM), which
occupies a fixed address range in the memory map. ITIM provides high-performance, predictable instruction delivery.
Fetching an instruction from ITIM is as fast as an instruction-cache hit, with no possibility of a cache miss. ITIM
can hold data as well as instructions, though loads and stores to ITIM are not as performant as loads and stores to
DTIM. The instruction cache can be configured as ITIM for all ways except for 1 in units of cache lines (64 bytes).
A single-instruction cache way must remain as an instruction cache. ITIM is allocated simply by storing to it. A store
to the nth byte of the ITIM memory map reallocates the first n+1 bytes of instruction cache as ITIM, rounded up to
the next cache line. ITIM is deallocated by storing zero to the first byte after the ITIM region. The deallocated ITIM
space is automatically returned to the instruction cache. For determinism, software must clear the contents of ITIM
after allocating it. It is unpredictable whether ITIM contents are preserved between deallocation and allocation.
3.1.2.3
U54 Instruction Fetch Unit
The U54 instruction fetch unit contains branch prediction hardware to improve performance of the processor core.
The branch predictor comprises a 40-entry branch target buffer (BTB) that predicts the target of taken branches, a
128-entry branch history table (BHT) that predicts the direction of conditional branches, and a 2-entry return-address
stack (RAS) that predicts the target of procedure returns. The branch predictor has a one-cycle latency, so that
correctly predicted control-flow instructions result in no penalty. Mispredicted control-flow instructions incur a three-
cycle penalty. The branch predictor can be turned off during device configuration to create deterministic systems. The
U54 implements the standard Compressed (C) extension to the RISC-V architecture which allows for 16-bit RISC-V
instructions.
3.1.2.4
U54 Execution Pipeline
The U54 execution unit is a single-issue, in-order pipeline. The pipeline comprises five stages: instruction fetch,
instruction decode and register fetch, execute, data memory access, and register writeback.
The pipeline has a peak execution rate of one instruction per clock cycle, and is fully bypassed so that most
instructions have a one-cycle result latency. There are several exceptions:
• LW has a two-cycle result latency, assuming a cache hit.
• LH, LHU, LB, and LBU have a three-cycle result latency, assuming a cache hit.
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com