Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9268Q Datasheet(PDF) 13 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM9268Q
Description  8-Channel Motor Driver for BD-Player
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM9268Q Datasheet(HTML) 13 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM9268Q Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 13Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 14Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 15Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 16Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AM9268Q
Motor Driver ICs
http://www.amtek-semi.com
M
Ma
arr 2
20
01
13
3 V
V1
1..2
2
Specifications subject to change without notice
- 13
6) Bias pin (pin12) should be pulled up to more than 1V. In case the bias pin voltage is
pulled down below 0.7V (typ.), the output current is muted.
7) Insert the bypass capacitor (~0.1μF) between VCC pin and GND pin as close as
possible.
8) Heat dissipation fins are attached to the GND on the inside of the package. Make sure to
connect them to the external GND.
9) Wiring for RSL
Considering the wiring resistance, connect each detecting resistor as close as possible
to the current detection terminals for the sledge motor drive RSL 1 (pin3) and 2 (pin39)
of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com