Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9268Q Datasheet(PDF) 3 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM9268Q
Description  8-Channel Motor Driver for BD-Player
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM9268Q Datasheet(HTML) 3 Page - AMtek SEMICONDUCTORS CO., LTD

  AM9268Q Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AM9268Q
Motor Driver ICs
http://www.amtek-semi.com
M
Ma
arr 2
20
01
13
3 V
V1
1..2
2
Specifications subject to change without notice
- 3
Actuator drivers
Output offset voltage
VOO
-50
-
50
mV
Maximum output
voltage
VOM
-
3.5
-
V
@10ΩLoad
Voltage gain
GV
16
17.5
19
dB
VIN=BIAS+0.2Vpp ac
@1KHz
Collimator drivers
Output offset voltage
VOOCL
-50
-
50
mV
Maximum output
voltage
VOMCL
3.6
4.0
-
V
@20ΩLoad VMCOL=5V
Voltage gain
GVCL
22.5
23.5
24.5
dB
VIN=BIAS+0.2Vpp ac
@1KHz
Tray driver
Output offset voltage
VOOT Y
-50
0
50
mV
Maximum output
voltage
VOM
-
8.1
-
V
@20ΩLoad
Voltage gain
GVT Y
16
17.5
19
dB
VIN=BIAS+0.2Vppac
@1KHz
Regulator**
Output voltage
Vreg
1.20
4.0
V
IL=500mA**
Output load differential
△
VRL
-50
0
50
mV
IL=0~500mA
Power supply voltage
differential
△
VVCC
-25
0
25
mV
(VCC=4.5~7V) IL=500mA
*This device is not designed for protection against radioactive rays.
**It is based on SS8550D PNP application
***The parameter, although guaranteed, is not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com