Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9268Q Datasheet(PDF) 2 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM9268Q
Description  8-Channel Motor Driver for BD-Player
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM9268Q Datasheet(HTML) 2 Page - AMtek SEMICONDUCTORS CO., LTD

  AM9268Q Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AM9268Q
Motor Driver ICs
http://www.amtek-semi.com
M
Ma
arr 2
20
01
13
3 V
V1
1..2
2
Specifications subject to change without notice
- 2
Recommended Operating Conditions
(Set the power supply voltage taking allowable dissipation into considering)
Parameter
Symbol
Min
Typ
Max
Unit
VCC5 Power supply
VCC5
4.5
5
7
V
VMCOL Power supply
VMCOL
4.5
-
13.2
V
VCC12 power supply
VCC12
7.5
12
13.2
V
Sledge output current
IoSL
-
0.25
0.5
A
Actuator output current
IoACT
-
0.5
0.8
A
Collimator output current
IoCO
-
0.5
0.8
A
Tray output current
IoTY
-
0.5
0.8
A
PWM carrier frequency
Fosc
30
-
120
KHz
Electrical Characteristics
(Unless otherwise specified, Ta=25℃, VCC5=VMCOL=5V, VCC12=12V, RSL=2Ω,BIAS=1.65V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Common
Stand-by current
Isc
-
5.3
-
mA
CTL1=CTL2=0V
Quiescent current
Icc
-
34
-
mA
CTL1=CTL2=5V
CTL1/CTL2
terminal low voltage
CTL1L/CTL2L
0
-
0.8
V
CTL1/CTL2
CTL1/CTL2
terminal high voltage
CTL1H/CTL2H
2.5
-
5
V
CTL1/CTL2
CTL1/CTL2
terminal input current
ICTL1/ICTL2
-
-
500
uA
CTL1/CTL2=5V
REG_EN
terminal low voltage
REG_ENL
0
-
0.8
V
REG_EN
REG_EN
terminal high voltage
REG_ENH
2.5
-
5
V
REG_EN
REG_EN
terminal input current
IREG_EN
-
-
500
uA
REG_EN =5V
PWM carrier frequency
Fosc
-
65
-
KHz
OSC: with 330pF
Reference voltage
range
VBIAS
1.0
-
3.3
V
Sledge1,2
Dynamic range of
output
Vdyc
-
5.7
-
V
Io=0.5[A] at VCC12=
7.5[V] RSL=0.9Ω
9.8
10.3
-
V
Io=0.5[A] at VCC12=
12[V] RSL=0.9Ω
Control voltage dead
zone
Vdead-
-80
-40
0
mV
SL1IN,SL2IN<BIAS
Vdead+
0
+40
+80
mV
SL1IN,SL2IN> BIAS
Control gain
Gvosl
0.85
1.0
1.15
V/V
Gio=Gvo/Rs[A/V]
Control limit
Vlimsl
0.43
0.5
0.58
V
Ilim=Vlim/Rs[A]
Output leakage current
Ileak
-100
-
100
μA
CTL1=CTL2=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com