Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRF Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # CSRF
Description  Foil on Ceramic Current Sensing Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRF Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  CSRF Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev Date: 6/28/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSRF Series
Foil on Ceramic Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Please refer to the High-Power Resistor Application Note (page 9) for more information on designing and implementing high power
resistor types.
Electrical Specifications
– CSRF-HP
Mechanical Specifications
– CSRF0402
Mechanical Specifications
– CSRF0402…-HP
Ohmic Range (Ω) and Tolerance
1% and 5%
±400
0.0025
±300
0.003 - 0.004
±200
0.005 - 0.007
±100
0.008 - 0.02
±100
0.002 - 0.009
±75
0.01 - 0.03
±100
0.005 - 0.009
±50
0.01 - 0.03
Type/Code
Power Rating (W)
TCR (ppm/ºC)
(2) Qualified to AEC-Q200
CSRF0402…-HP
(2)
0.25
CSRF0805…-HP
1
CSRF0603…-HP
(2)
0.5
CSRF0402…-HP
0.039 ± 0.004
0.022 ± 0.004
0.018 ± 0.004
0.018 ± 0.004
inches
0.0025 Ω
1.00 ± 0.10
0.55 ± 0.10
0.45 ± 0.10
0.45 ± 0.10
mm
CSRF0402… -HP
0.039 ± 0.004
0.022 ± 0.004
0.018 ± 0.004
0.018 ± 0.004
inches
0.003 Ω - 0.004 Ω
1.00 ± 0.10
0.55 ± 0.10
0.45 ± 0.10
0.45 ± 0.10
mm
Unit
Body Length
Body Width
Body Height
Bottom Termination
Type/Code
L
W
H
T
CSRF0402
0.039 ± 0.004
0.022 ± 0.004
0.018 ± 0.004
0.014 ± 0.004
inches
0.003 Ω - 0.007 Ω
1.00 ± 0.10
0.55 ± 0.10
0.45 ± 0.10
0.35 ± 0.10
mm
CSRF0402
0.039 ± 0.004
0.022 ± 0.004
0.018 ± 0.004
0.010 ± 0.004
inches
0.008 Ω - 0.02 Ω
1.00 ± 0.10
0.55 ± 0.10
0.45 ± 0.10
0.25 ± 0.10
mm
Type/Code
Unit
Bottom Termination
L
Body Length
W
Body Width
H
Body Height
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com