Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRF Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # CSRF
Description  Foil on Ceramic Current Sensing Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRF Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

Back Button CSRF Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 9Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 10Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev Date: 6/28/2022
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSRF Series
Foil on Ceramic Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Performance Characteristics
Test
Test Method
Test Specification
Typical
Test Condition
RCWV at 70°C; 1.5 hours "ON"; 0.5 hour "OFF"
Total 1000 ± 24 hours
Sizes 0805-HP, 0508, 2512 and 2817:
2.5 X rated power for 5 seconds
Size 4320: 3 X rated power for 5 seconds
All other sizes: 5 X rated power for 5 seconds
High Temperature Exposure
±1%
≤ 0.2%
125ºC, 1000 hours
Moisture Resistance
MIL- STD-202F-Method 106G
±1%
≤ 0.5%
Storage Temperature: 5ºC ~ 35°C. humidity: 40% ~ 75%
Operating temperature range: 2512 and 2817 = -55°C to + 155°C; all other sizes = -55°C to + 170°C
(*) Sufficient copper size and weight required to maintain component temperature below 100°C
Solderability
Resistance to Soldering Heat
MIL-STD-202F-Method 210E
MIL-STD-202F-Method 208H
260ºC ± 5°C for 10 ± 1 seconds
245ºC ± 5°C for 2 ± 0.5 seconds
≤ 0.3%
minimum 95%
coverage
Load Life
MIL-STD-202F-Method 108A
±1%
≤ 0.5%
±1%
> 95%
≥ 1 MΩ
-55°C to 150°C, 100 cycles
Apply 100VDC for 1 minute
1 MΩ minimum
≤ 0.3%
≤ 0.3%
± 1% + 0.5 mΩ
±1%
Insulation Resistance
Thermal Shock
Short Time Overload
(*)
MIL-STD-202F-Method 107G
JIS-C-5202-5.5
MIL-STD-202F-Method 302



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com