Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRF Datasheet(PDF) 10 Page - Stackpole Electronics, Inc.

Part # CSRF
Description  Foil on Ceramic Current Sensing Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRF Datasheet(HTML) 10 Page - Stackpole Electronics, Inc.

Back Button CSRF Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 9Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 10Page - Stackpole Electronics, Inc. CSRF Datasheet HTML 11Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Rev Date: 6/28/2022
10
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSRF Series
Foil on Ceramic Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
The 102ºC heat rise shown here would indicate there will be additional thermal reduction techniques needed to keep this
part under 105 ºC total hot spot temperature if this part is to be used at 0.75 watts of power. However, this same part at
the usual power rating for this size would have a heat rise of around 72ºC. This additional heat rise may be dealt with
using wider conductor traces, larger solder pads and land patterns under the solder mask, heavier copper in the
conductors, vias through PCB, air movement, and heat sinks, among many other techniques. Because of the variety of
methods customers can use to lower the effective heat rise of the circuit, resistor manufacturers simply specify power
ratings with the limitations on ambient air temperature and total hot spot temperatures and leave the details of how to best
accomplish this to the design engineers. Design guidelines for products in various market segments can vary widely so
it would be unnecessarily constraining for a resistor manufacturer to recommend the use of any of these methods over
another.
Note: The final resistance value can be affected by the board layout and assembly process, especially the size of the mounting pads and the amount
of solder used. This is especially notable for resistance values ≤ 50mΩ. This should be taken into account when designing.
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the
“conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
RoHS Compliance Status
CSRF
Foil on Ceramic Current Sensing
Surface Mount Chip Resistor
SMD
YES
100% Matte Sn over Ni
Jul-04
04/27
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series
RoHS
Compliant
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com