Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4155 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB4155
Description  USB3.2 Gen2 Type C Plug, Horizontal, SMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4155 Datasheet(HTML) 2 Page - Global Connector Technology

  USB4155 Datasheet HTML 1Page - Global Connector Technology USB4155 Datasheet HTML 2Page - Global Connector Technology USB4155 Datasheet HTML 3Page - Global Connector Technology USB4155 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7.40
5.50
0.50
2x 0.50
0.25
B12
B1
0.30
A12
1.075
0.825
1.075
0.825
2x 1.00
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
2/4
USB3.2 Gen2 Type C Plug, Horizontal, SMT
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4155
A1
12th April 2021
27/05/21
www.gct.co
PCB Edge
Recommended PCB Layout
Thickness 0.8 to 1.0 mm
Tolerance: ±0.05mm
Component Outline
Solder Area
Plug and Receptacle Mating View
USB4115
(Receptacle)
USB4155
(Plug)
5.05
4.60
0.5 ref.
4.27
6.55 min.
PCB
Panel
PCB
16.35
Cap Information
A1
1.075
Pin
Signal
Description
A1
GND
Ground return
A2
SSTXp1
Positive half of first SuperSpeed
TX differential pair
A3
SSTXn1
Negative half of first SuperSpeed
TX differential pair
A4
VBUS
Bus Power
A5
CC1
Configuration Channel
A6
Dp1
Positive half of the USB 2.0
differential pair - Position 1
A7
Dn1
Negative half of the USB 2.0
differential pair - Position 1
A8
SBU1
Sideband Use (SBU)
A9
VBUS
Bus Power
A10
SSRXn2
Negative half of second
SuperSpeed RX differential pair
A11
SSRXp2
Positive half of second
SuperSpeed RX differential pair
A12
GND
Ground return
SHELL
GND
Pin
Signal
Description
B12
GND
Ground return
B11
SSRXp1
Positive half of first SuperSpeed
RX differential pair
B10
SSRXn1
Negative half of first SuperSpeed
RX differential pair
B9
VBUS
Bus Power
B8
SBU2
Sideband Use (SBU)
B7
Dn2
Positive half of the USB 2.0
differential pair - Position 2
B6
Dp2
Negative half of the USB 2.0
differential pair - Position 2
B5
CC2
Configuration Channel
B4
VBUS
Bus Power
B3
SSTXn2
Negative half of second
SuperSpeed TX differential pair
B2
SSTXp2
Positive half of second
SuperSpeed TX differential pair
B1
GND
Ground return
SHELL
GND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com