Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4155 Datasheet(PDF) 3 Page - Global Connector Technology

Part # USB4155
Description  USB3.2 Gen2 Type C Plug, Horizontal, SMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4155 Datasheet(HTML) 3 Page - Global Connector Technology

  USB4155 Datasheet HTML 1Page - Global Connector Technology USB4155 Datasheet HTML 2Page - Global Connector Technology USB4155 Datasheet HTML 3Page - Global Connector Technology USB4155 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
3/4
USB3.2 Gen2 Type C Plug, Horizontal, SMT
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4155
A1
12th April 2021
27/05/21
www.gct.co
Proposal 1: Recommended Jig(Tray, Weight) be used in IR Reflow Process
Tray
Weight
PCB
1.8 max.
5g min. force apply on the product
Tray
Weight
Weight
1.80 max.
Tray
Weight
PCB
Tray
PCB
PCB
Proposal 2: Recommended Jig(Tray, Weight) be used in IR Reflow Process
5g min. force apply on the product



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com