Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4155 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4155
Description  USB3.2 Gen2 Type C Plug, Horizontal, SMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4155 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4155 Datasheet HTML 1Page - Global Connector Technology USB4155 Datasheet HTML 2Page - Global Connector Technology USB4155 Datasheet HTML 3Page - Global Connector Technology USB4155 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8.25±0.03
5.50±0.05
0.50±0.05
0.20
12.50±0.20
1.00
6.83±0.05
A12
A1
B1
B12
0.84+0.25
-0.04
7.40±0.20
8.80
0.81+0.15
-0.10
2.64±0.10
4.64±0.05
0.10
2x 0.35
A
A
Specifications
Material
Insulator: LCP, UL 94V-0, Black
Contact: Copper Alloy
Shell: Stainless Steel
Latch: Stainless Steel
EMI Spring: Stainless Steel
Plating
Contact
Contact Area: 3u" Au over Nickel
Solder Tails: Matte Tin over Nickel
Shell: Nickel
Latch& EMI Spring: Cleaning
Electrical
Current Rating:
5.00A collectively for VBUS pins
6.25A collectively for GND pins
1.25A for B5 pin
0.25A per pin for all other pins
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -30°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 10,000 cycles
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/4
USB3.2 Gen2 Type C Plug, Horizontal, SMT
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4155
A1
12th April 2021
27/05/21
www.gct.co
Section A-A
Ordering Grid
Request Samples
and Quotation
USB4155
C
Packing Options
C = Tape & Reel with Cap
(1000 per reel)
03
Contact Plating
03 = 3u" Gold
2.50


Similar Part No. - USB4155

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4151 GCT-USB4151 Datasheet
173Kb / 3P
USB3.2 Gen2 Type C Plug,Vertical, SMT
27/04/21
USB4151-GF-C GCT-USB4151-GF-C Datasheet
173Kb / 3P
USB3.2 Gen2 Type C Plug,Vertical, SMT
27/04/21
More results

Similar Description - USB4155

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
632712000011 WURTH-632712000011 Datasheet
871Kb / 5P
USB 3.1 TYPE C PLUG - HORIZONTAL SMT
632712000021 WURTH-632712000021 Datasheet
826Kb / 5P
USB 3.1 TYPE C PLUG - HORIZONTAL SMT
logo
Diodes Incorporated
PI3EQX1002E DIODES-PI3EQX1002E Datasheet
1Mb / 11P
1-Port USB3.2 Gen2 ReDriver
August 2020
logo
Global Connector Techno...
USB4056 GCT-USB4056 Datasheet
197Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Horizontal, Hybrid type, PCB Top Mount.
05/08/21
USB4080 GCT-USB4080 Datasheet
195Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
15/07/21
USB4115 GCT-USB4115 Datasheet
176Kb / 3P
USB3.2 Gen2 Type C Receptacle, Vertical, SMT, H=9.25mm
07/10/21
USB4151 GCT-USB4151 Datasheet
173Kb / 3P
USB3.2 Gen2 Type C Plug,Vertical, SMT
27/04/21
USB4081 GCT-USB4081 Datasheet
189Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
21st December 2022
USB4160 GCT-USB4160 Datasheet
229Kb / 4P
USB3.2 Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28th June 2022
USB4200 GCT-USB4200 Datasheet
174Kb / 3P
USB3.2 Gen2, Type C Receptacle, Dual Row SMT, Flag Type, PCB Top Mount, 24 Pin
2nd March 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com