Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP6G18USB Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # TLP6G18USB
Description  6-Outlet Surge Protector with USB Charging - German Type F Schuko Outlets, 220-250V, 16A, Schuko Plug, White
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP6G18USB Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  TLP6G18USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP6G18USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP6G18USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved TLP6G18USB Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
OVERVIEW
UPC Code
037332251664
Product Type
Surge Protector
Charging Form Factor
Strip
Device Compatibility
Phone; Tablet; Amazon Kindle
INPUT
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
230V (220-250V)
Voltage Compatibility (VAC)
220-250
Maximum Surge Amps
250
Input Plug Type
German
Input Cord Length (ft.)
6
Right-Angle Plug
Yes
Input Cord Length (m)
1.83
Integrated Cord Clip
No
OUTPUT
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(6) Schuko Type F
Circuit Breaker (amps)
16
Overload Protection
combo switch/circuit breaker
Outlet Orientation
right-angled
Right-Angle Outlets
Yes
USER INTERFACE, ALERTS & CONTROLS
Diagnostic LED(s)
No
Switches
Two position power switch
CHARGING
Number of Charging Ports
2
Total Charging Amps
2.1A
Total Charging Watts
10.5
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com