Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP6G18USB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # TLP6G18USB
Description  6-Outlet Surge Protector with USB Charging - German Type F Schuko Outlets, 220-250V, 16A, Schuko Plug, White
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP6G18USB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  TLP6G18USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP6G18USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP6G18USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved TLP6G18USB Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6-Outlet Surge Protector with USB Charging -
German Type F Schuko Outlets, 220-250V, 16A,
Schuko Plug, White
MODEL NUMBER: TLP6G18USB
6-outlet surge protector with USB-A ports safeguards your home/office electronics against dangerous
surges, spikes and line noise.
Features
6-Outlet Surge Protector Safeguards Your Sensitive Electronics Against Power FluctuationsIdeal
for your home or office workstation, this Protect It!® 6-outlet surge protector features a surge suppression
rating of 250 joules and provides protection in line-to-neutral (L-N) mode to defend your sensitive
electronic components against power surges and spikes.
Charges 2 Mobile Devices with 2.1A of Shared PowerIn addition to AC outlets, this power strip
provides USB charging for up to two mobile devices, including smartphones, tablets and e-readers. The
USB-A ports eliminate the need for AC adapters for charging cords, leaving outlets available for AC
equipment.
German Type F Outlets Accept a Wide Range of Electronic DevicesPlug your PC, printer, scanner,
router, modem, television, stereo receiver or other home/office electronics into six Schuko outlets to
protect them against dangerous surges, spikes and line noise. The 1.8-meter AC power cord with space-
saving right-angle Schuko plug helps you connect the surge protector to a wall outlet located behind
furniture.
Premium Protection from EMI/RFI Line Noise Helps Your Equipment Perform BetterVarious
electromagnetic and radio sources found in virtually every home and business can cause disruptive
interference on the AC line. Known as EMI (electromagnetic interference) and RFI (radio frequency
interference), this line noise is a common cause of performance problems. This surge protector filters out
disruptive line noise that can disturb your electronics and inflict hardware damage or data loss. This
EMI/RFI filtering also helps your connected components perform better and last longer.
Vertical or Horizontal Mounting for Desks and WorkbenchesPull-out mounting tabs on the back of the
surge protector allow you to install it on any flat surface, including walls, with user-supplied hardware.
Premium Safety Features for Protecting Your Valuable EquipmentIn the event of an overload, a 16-
amp circuit breaker immediately shuts down the power strip to prevent equipment damage. The high-
impact plastic housing is designed for the rigors of everyday use.
Highlights
6 German Schuko outlets
distribute power to appliances,
tools and other electronics
q
Right-angle Schuko plug permits
connection in confined or hard-
to-reach spaces
q
250 joules protect your valuable
electronics against dangerous
surges and spikes
q
2 USB-A ports share 2.1A of
power for charging phones,
tablets and other mobile devices
q
16A circuit breaker shuts down
all outlets for safety in case of
overload
q
Applications
Protect computers, peripherals,
home theater equipment and
other valuable electronics
against AC power surges and
spikes
q
Filter potentially damaging line
noise to improve connected
equipment’s performance and
lifespan
q
Safeguard valuable data against
damage stemming from
unexpected surges
q
Charge a smartphone and tablet
without taking up available AC
outlets
q
Package Includes
TLP6G18USB 6-Outlet Surge
Protector, German Type F
Schuko Outlets, White
q
1 / 4


Similar Part No. - TLP6G18USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP602 ETC2-TLP602 Datasheet
480Kb / 4P
6-outlet 2-ft cord 180 joules Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP604TEL ETC2-TLP604TEL Datasheet
505Kb / 5P
6-outlets, 4-ft cord, 790 joule strip, RJ11 protection - Protect It! Surge Suppressor
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
logo
Tripp Lite. All Rights ...
TLP606B TRIPPLITE-TLP606B Datasheet
166Kb / 4P
Protect It! 6-Outlet Surge Protector, 6 ft. Cord, 790 Joules, Diagnostic LED, Black Housing
More results

Similar Description - TLP6G18USB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SUPER6OMNID TRIPPLITE-SUPER6OMNID Datasheet
487Kb / 3P
Protect It 230V 6-Universal Outlet Surge Protector, 1.8M Cord, German/French Plug, 750 Joules
TLP2USBD TRIPPLITE-TLP2USBD Datasheet
493Kb / 3P
Protect It 230V Surge Protector with 2 Schuko Type F Outlets, 0.33M Cord, 380 Joules, German plug
TLP51D TRIPPLITE-TLP51D Datasheet
488Kb / 2P
Protect It 230V Surge Protector with 5Schuko Type F Outlets, 1M Cord, 280 Joules, German plug,Diagnostic LED
TLP82D TRIPPLITE-TLP82D Datasheet
500Kb / 2P
Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules
TLP82MASD TRIPPLITE-TLP82MASD Datasheet
506Kb / 3P
Protect It 230V Surge Protector with 8-Schuko Type F Outlets, German Plug, 1140 Joules, Coax/Network Protection
TLP82NSATD TRIPPLITE-TLP82NSATD Datasheet
501Kb / 3P
Protect It 230V Surge Protector with 8 Schuko Type F Outlets, German Plug, 2280 Joules, Tel/Coax Protection
PS6B18 TRIPPLITE-PS6B18 Datasheet
160Kb / 3P
6-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, 1.8 m Cord, BS1363A Plug, White
PS4B18USBW TRIPPLITE-PS4B18USBW Datasheet
162Kb / 3P
4-Outlet Power Strip with USB-A Charging - BS1363A Outlets, 220-250V, 13A, 1.8 m Cord, BS1363A Plug, White
TLP6F18USB TRIPPLITE-TLP6F18USB Datasheet
164Kb / 4P
6-Outlet Surge Protector with USB Charging - French Type E Outlets, 220-250V, 16A, 1.8 m Cord, Type E Plug, White
logo
Electronic Components L...
FCR72040 CLIFF-FCR72040 Datasheet
240Kb / 1P
REWIREABLE 90° SCHUKO PLUG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com