Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP6G18USB Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # TLP6G18USB
Description  6-Outlet Surge Protector with USB Charging - German Type F Schuko Outlets, 220-250V, 16A, Schuko Plug, White
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP6G18USB Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  TLP6G18USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP6G18USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP6G18USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved TLP6G18USB Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Charging Method
USB
Charging Port Type
USB A (FEMALE)
Charging Ports / Amps
(2) 2.1A
Overcharge Protection
No
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
250
Protection Modes
Includes full normal mode (H-N)
Automatic Shut-Off
No
DATALINE SURGE SUPPRESSION
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
Telephone/DSL Protection
No
PHYSICAL
Material of Construction
Plastic
Power Cord Color
White
Housing Color
White
Mounting Holes or Slots
Yes
Receptacle Color
White
Shipping Dimensions (hwd / in.)
19.00 x 3.40 x 2.00
Shipping Dimensions (hwd / cm)
48.26 x 8.64 x 5.08
Shipping Weight (lbs.)
1.39
Shipping Weight (kg)
0.63
Unit Dimensions (hwd / in.)
18.900 x 3.300 x 1.700
Unit Weight (lbs.)
1.3
Unit Weight (kg)
0.59
FEATURES & SPECIFICATIONS
Antimicrobial
No
Rotatable Outlets
No
GaN Technology
No
STANDARDS & COMPLIANCE
Product Compliance
RoHS; CE (Europe); REACH
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com