Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS234075 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # CS234075
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS234075 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button CS234075 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 35Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 36Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 37Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 38Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 39Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
69 ::: Chang Sung Corporation
Product Identification
EE CORES
• Large energy storage capacity
• No magnetic flux leakage
• Good temperature stability
• Low core loss at high frequency
• High inductance choke coils
• Flyback transformers
• Multiple circuit choke coils
• Output chokes for SMPS
Features
Applications
ES 43 21 A - 060
Height of E core
Length : 43mm
Available size : 19.0mm~80.0mm
Available size : 8.0mm~38.1mm
Width : 21mm
Sendust E core
EK : Mega Flux
Available perm. 26, 40, 60, 90μ
Permeability :60μ
ES 1908A
ES 2510A
ES 3015A
ES 3515A
ES 4117A
ES 4321A
ES 4321B
ES 4321C
ES 5528A
ES 5528B
ES 6533A
ES 7228A
ES 8038A
Part No.
19.3
25.1
30.1
34.5
40.9
42.8
42.8
42.8
54.9
54.9
65.1
72.4
80.0
Dimensions(mm)
Path
Length
(cm)
Cross
Section
Area
(cm2)
AL value (nH/N2)
12%
AB
C
D(min) E(min)
FL(nom) M(min)
026μ
040μ
060μ
090μ
8.1
9.6
15.0
14.1
16.5
21.1
21.1
21.1
27.6
27.6
32.5
27.9
38.1
4.8
6.5
7.1
9.3
12.5
10.8
15.4
20.0
20.6
24.6
27.0
19.0
19.8
5.5
6.2
9.7
9.6
10.4
15.0
15.0
15.0
18.5
18.5
22.2
17.8
28.1
13.9
18.8
19.5
25.3
28.3
30.4
30.4
30.4
37.5
37.5
44.2
52.6
59.3
4.8
6.1
7.0
9.3
12.5
11.7
11.7
11.7
16.8
16.8
19.7
19.1
19.8
2.3
3.0
5.1
4.4
6.0
5.9
5.9
5.9
8.4
8.4
10.0
9.5
9.9
4.7
6.3
6.4
7.9
7.9
9.5
9.5
9.5
10.3
10.3
12.1
16.9
19.8
4.01
4.85
6.56
6.94
7.75
9.84
9.84
9.84
12.30
12.30
14.70
13.70
18.50
0.228
0.385
0.601
0.840
1.520
1.280
1.830
2.370
3.500
4.170
5.400
3.680
3.890
26
39
33
56
88
56
80
104
116
138
162
130
103
35
52
46
75
119
76
108
140
157
187
230
173
145
48
70
71
102
163
105
150
194
219
261
300
236
190
69
100
92
146
234
151
217
281
EK(Mega Flux EE Core) and customized designs are also available.
Magnetic Powder Cores :::
70
Product Identification
EER CORES
• Large energy storage capacity
• No magnetic flux leakage
• Good temperature stability
• Excellent DC bias characteristics
Features
• Power inductor for large currents
• Multiple circuit choke coils
• Output chokes for SMPS
Applications
HER 40 13 B - 060
Height of EER core
Length : 40mm
Available size : 25mm~49mm
Available size : 7mm~17mm
Width : 13mm
High Flux EER Core
KER : Mega Flux , SER : Sendust
Available perm. 26, 40, 60μ
Permeability :60μ
HER 2507A
HER 2507B
HER 3010A
HER 3511A
HER 3511B
HER 4013A
HER 4013B
HER 4215A
HER 4215B
HER 4917A
HER 4917B
Part No.
25.5
25.5
30.6
35.0
35.0
40.0
40.0
42.0
42.0
49.0
49.0
Dimensions(mm)
Path
Length
(cm)
Cross
Section
Area
(cm2)
AL value (nH/N2)
12%
A
B
C
D
E
F
026μ
040μ
060μ
9.3
11.0
15.8
15.8
20.7
17.4
22.4
22.4
25.4
18.8
24.7
7.5
7.5
9.8
11.3
11.3
13.3
13.3
15.5
15.5
17.2
17.2
7.5
7.5
9.8
11.3
11.3
13.3
13.3
15.5
15.5
17.2
17.2
19.8
19.8
22.0
25.6
25.6
29.0
29.0
29.4
29.4
36.5
36.5
6.2
7.9
11
9.8
14.7
10.4
15.4
15.4
18.4
12.2
18.1
5.10
5.78
8.66
8.30
10.27
9.13
11.13
10.64
11.84
9.57
11.93
0.450
0.450
0.754
1.078
1.078
1.491
1.491
2.026
2.026
2.353
2.353
39
34
38
57
46
72
59
84
75
99
79
53
47
53
78
63
99
81
115
103
136
109
73
65
72
108
87
135
111
158
142
185
149
KER(Mega Flux EER Core), SER(Sendust EER Core)and customized designs are also available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com